Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46400 Fiches technique(PDF) 63 Page - Dialog Semiconductor

No de pièce SLG46400
Description  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 Fiches technique(HTML) 63 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 59Page - Dialog Semiconductor SLG46400 Datasheet HTML 60Page - Dialog Semiconductor SLG46400 Datasheet HTML 61Page - Dialog Semiconductor SLG46400 Datasheet HTML 62Page - Dialog Semiconductor SLG46400 Datasheet HTML 63Page - Dialog Semiconductor SLG46400 Datasheet HTML 64Page - Dialog Semiconductor SLG46400 Datasheet HTML 65Page - Dialog Semiconductor SLG46400 Datasheet HTML 66Page - Dialog Semiconductor SLG46400 Datasheet HTML 67Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 95 page
background image
000-0046400-109
Page 57 of 89
SLG46400
18.0 Combinatorial Logic
Combinatorial logic is supported via eleven Lookup Tables (LUTs) within the SLG46400. There are four 2-bit LUTs, six 3-bit LUTs
and one 4-bit LUT.
Inputs/Outputs for the eleven LUTs are configured from the connection matrix with specific logic functions being defined by the
state of NVM bits. The outputs of the eleven LUTs can be configured to user defined functions or the following standard digital
logic devices (AND, NAND, OR, NOR, XOR, XNOR).
18.1 2-Bit LUT
The four 2-bit LUTs within the SLG46400 each take in two input signals from the connection matrix and produce a single output.
LUT 2.0 inputs are shared with input and reset of the Pipe Delay logic cell.
Figure 34. 2-bit LUTs
2-bit LUT0
IN1
IN0
To Connection
Matrix input <1>
OUT
reg <453:450>
From Connection
Matrix output <45>
From Connection
Matrix output <46>
2-bit LUT1
IN1
IN0
To Connection
Matrix input <2>
OUT
reg <457:454>
From Connection
Matrix output <47>
From Connection
Matrix output <48>
2-bit LUT2
IN1
IN0
To Connection
Matrix input <3>
OUT
reg <461:458>
From Connection
Matrix output <49>
From Connection
Matrix output <50>
2-bit LUT3
IN1
IN0
To Connection
Matrix input <4>
OUT
reg <465:462>
From Connection
Matrix output <51>
From Connection
Matrix output <52>
Table 27. 2-bit LUT0 Truth Table.
IN1
IN0
OUT
0
0
reg <450>
0
1
reg <451>
1
0
reg <452>
1
1
reg <453>
Table 28. 2-bit LUT1 Truth Table.
IN1
IN0
OUT
0
0
reg <454>
0
1
reg <455>
1
0
reg <456>
1
1
reg <457>
Table 29. 2-bit LUT2 Truth Table.
IN1
IN0
OUT
0
0
reg <458>
0
1
reg <459>
1
0
reg <460>
1
1
reg <461>
Table 30. 2-bit LUT3 Truth Table.
IN1
IN0
OUT
0
0
reg <462>
0
1
reg <463>
1
0
reg <464>
1
1
reg <465>


Numéro de pièce similaire - SLG46400

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
More results

Description similaire - SLG46400

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
   GreenPAK Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com