Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46400 Fiches technique(PDF) 50 Page - Dialog Semiconductor

No de pièce SLG46400
Description  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 Fiches technique(HTML) 50 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 46Page - Dialog Semiconductor SLG46400 Datasheet HTML 47Page - Dialog Semiconductor SLG46400 Datasheet HTML 48Page - Dialog Semiconductor SLG46400 Datasheet HTML 49Page - Dialog Semiconductor SLG46400 Datasheet HTML 50Page - Dialog Semiconductor SLG46400 Datasheet HTML 51Page - Dialog Semiconductor SLG46400 Datasheet HTML 52Page - Dialog Semiconductor SLG46400 Datasheet HTML 53Page - Dialog Semiconductor SLG46400 Datasheet HTML 54Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 95 page
background image
000-0046400-109
Page 44 of 89
SLG46400
13.6 CNT2/DLY2 and CNT3/DLY3 Register Settings
Table 19. CNT2/DLY2 and CNT3/DLY3 Register Settings
Signal Name
Signal Function
Register Bit
Address
Register Definition
CNTDLY2_rst_sel
CNT/DLY2 Reset Source
Select
<632>
0: From Delay Cell
1: From Edge Detect
When reg <633> = 1, then reg <634> must be set to 1 and
DLY2 input must be tied to ground
CNT2_en
CNT2 Enable
(Force CNT2 power on)
<633>
0: Auto Power On (Power on as needed)
1: Force Power On (Power always on)
CNT_DLY2_out_src
_sel
CNT/DLY2 Output
Source Select
<634>
0: Delay Output
1: Counter Output
CNT2_CLK_sel
CNT/DLY2 Clock Source
Select
<637:635>
000: Internal RC OSC Clock
001: CLOCK/4
010: CLOCK/12
011: CNT3 Overflow Output
1X0: CLOCK/8
1X1: External Clock
CNT2_d<13:0>
CNT2 Control
Data/DLY2 Time Control
<651:638>
1-16384: (delay time = (counter control data + 1) / freq)
DLY2_d_mode_sel
DLY2 Mode Select
<653:652>
00: delay on both falling and rising edges
01: delay on falling edge only
10: delay on rising edge only
11: no delay on either falling or rising edges
CNTDLY3_rst_sel
CNT/DLY3 Reset Source
Select
<654>
0: From Delay Cell
1: From Edge Detect
When reg <655> = 1, then reg <656> must be set to 1 and
DLY3 input must be tied to ground
CNT3_en
CNT3 Enable
(Force CNT3 power on)
<655>
0: Auto Power On (Power on as needed)
1: Force Power On (Power always on)
CNT_DLY3_out_src
_sel
CNT/DLY3 Output
Source Select
<656>
0: Delay Output
1: Counter Output
CNT3_CLK_sel
CNT/DLY3 Clock Source
Select
<659:657>
000: Internal RC OSC Clock
001: CLOCK/4
010: CLOCK/12
011: CNT0 Overflow Output
1X0: CLOCK/8
1X1: External Clock
CNT3_d<7:0>
CNT3 Control
Data/DLY3 Time Control
<667:660>
1-256: (delay time = (counter control data + 1) / freq)
DLY3_d_mode_sel
DLY3 Mode Select
<669:668>
00: delay on both falling and rising edges
01: delay on falling edge only
10: delay on rising edge only
11: no delay on either falling or rising edges


Numéro de pièce similaire - SLG46400

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
More results

Description similaire - SLG46400

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
   GreenPAK Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com