Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46169 Fiches technique(PDF) 19 Page - Dialog Semiconductor

No de pièce SLG46169
Description  GreenPAK Programmable Mixed-signal Matrix
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46169 Fiches technique(HTML) 19 Page - Dialog Semiconductor

Back Button SLG46169 Datasheet HTML 15Page - Dialog Semiconductor SLG46169 Datasheet HTML 16Page - Dialog Semiconductor SLG46169 Datasheet HTML 17Page - Dialog Semiconductor SLG46169 Datasheet HTML 18Page - Dialog Semiconductor SLG46169 Datasheet HTML 19Page - Dialog Semiconductor SLG46169 Datasheet HTML 20Page - Dialog Semiconductor SLG46169 Datasheet HTML 21Page - Dialog Semiconductor SLG46169 Datasheet HTML 22Page - Dialog Semiconductor SLG46169 Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
000-0046169-105
Page 18 of 101
SLG46169
6.0 Summary of Macrocell Function
6.1 I/O Pins
Digital Input (low voltage or normal voltage, with or without Schmitt Trigger)
Open Drain Outputs
Push Pull Outputs
Analog I/O
10 k
/100 k/1 Mpull-up/pull-down resistors
40 mA Open Drain 4X Drive output
6.2 Connection Matrix
Digital matrix for circuit connections based on user design
6.3 Analog Comparators (2 total)
Selectable hysteresis 0 mV/25 mV/50 mV/200 mV
Bandwidth control
Selectable gain
6.4 Voltage Reference
Used for references on Analog Comparators
Can also be driven to external pins
6.5 Combinational Logic Look Up Tables (LUTs – 9 total)
Two 2-bit Lookup Tables
Seven 3-bit Lookup Tables
6.6 Combination Function Macrocells (9 total)
Four Selectable DFF/Latch or 2-bit LUTs
Two Selectable DFF/Latch or 3-bit LUTs
One Selectable Pipe Delay or 3-bit LUT
Two Selectable CNT/DLY or 4-bit LUTs
6.7 Delays/Counters (5 total)
Two 14-bit delay/counters: Range 1-16384 clock cycles
Three 8-bit delays/counters: Range 1-255 clock cycles
6.8 Pipe Delay (Part of Combination Function Macrocell)
16 stage / 3 output
One 1 stage fixed output
Two 1-16 stage selectable outputs.
6.9 Programmable Delay
150 ns/300 ns/450 ns /600 ns @ 3.3 V
Includes Edge Detection function
6.10 Additional Logic Functions (4 total)
Two Inverter macrocells
Two Deglitch filter macrocells


Numéro de pièce similaire - SLG46169

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169V RENESAS-SLG46169V Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169VTR RENESAS-SLG46169VTR Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results

Description similaire - SLG46169

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com