Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46140 Fiches technique(PDF) 55 Page - Dialog Semiconductor

No de pièce SLG46140
Description  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46140 Fiches technique(HTML) 55 Page - Dialog Semiconductor

Back Button SLG46140 Datasheet HTML 51Page - Dialog Semiconductor SLG46140 Datasheet HTML 52Page - Dialog Semiconductor SLG46140 Datasheet HTML 53Page - Dialog Semiconductor SLG46140 Datasheet HTML 54Page - Dialog Semiconductor SLG46140 Datasheet HTML 55Page - Dialog Semiconductor SLG46140 Datasheet HTML 56Page - Dialog Semiconductor SLG46140 Datasheet HTML 57Page - Dialog Semiconductor SLG46140 Datasheet HTML 58Page - Dialog Semiconductor SLG46140 Datasheet HTML 59Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 170 page
background image
000-0046140-109
Page 54 of 169
SLG46140
reg<233:228>
Data of DFF/Latch 5
38
reg<239:234>
Clock of DFF/Latch 5
39
reg<245:240>
Clock of Pipe Delay / In0 of LUT3_6
40
reg<251:246>
In of Pipe Delay / In1 of LUT3_6
41
reg<257:252>
PORB of Pipe Delay / In2 of LUT3_6
42
reg<263:258>
Input of Edge Detector and Programmable Delay
43
reg<269:264>
Digital Output of PIN3
44
reg<275:270>
OE of PIN3
45
reg<281:276>
Digital Output of PIN4
46
reg<287:282>
OE of PIN4
47
reg<293:288>
Digital Output of PIN5
48
reg<299:294>
OE of PIN5
49
reg<305:300>
Digital Output of PIN6
50
reg<311:306>
Digital Output of PIN7
51
reg<317:312>
OE of PIN7
52
reg<323:318>
Digital Output of PIN9
53
reg<329:324>
OE of PIN9
54
reg<335:330>
Digital Output of PIN10
55
reg<341:336>
Digital Output of PIN11
56
reg<347:342>
Digital Output of PIN12
57
reg<353:348>
OE of PIN12
58
reg<359:354>
Digital Output of PIN13
59
reg<365:360>
OE of PIN13
60
reg<371:366>
Digital Output of PIN14
61
reg<377:372>
OE of PIN14
62
reg<383:378>
ADC Power Down (1: Power Down)
63
reg<389:384>
PDB (Power Down) for ACMP0 (0: Power Down)
64
reg<395:390>
PDB (Power Down) for ACMP1 (0: Power Down)
65
reg<401:396>
Oscillator Power Down (1: Power Down)
66
reg<407:402>
counter external Clock
In3 of LUT4_1
67
reg<413:408>
Input of DLY/CNT0
68
reg<419:414>
Input of DLY/CNT1
69
reg<425:420>
Input of DLY/CNT2
In0 of LUT4_1
70
reg<431:426>
Keep of DLY/CNT2 (FSM0)
In1 of LUT4_1
71
reg<437:432>
Up of DLY/CNT2 (FSM0)
In2 of LUT4_1
72
reg<443:438>
Input of DLY/CNT3
In0 of LUT3_7
73
Table 33. Matrix Output Table
Register Bit
Address
Matrix Output Signal Function
Matrix Output
Number


Numéro de pièce similaire - SLG46140

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46140 RENESAS-SLG46140 Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140V RENESAS-SLG46140V Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140VTR RENESAS-SLG46140VTR Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
More results

Description similaire - SLG46140

FabricantNo de pièceFiches techniqueDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com