Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTL307JGT Fiches technique(PDF) 6 Page - Lite-On Technology Corporation

No de pièce LTL307JGT
Description  Through Hole Lamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITEON [Lite-On Technology Corporation]
Site Internet  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL307JGT Fiches technique(HTML) 6 Page - Lite-On Technology Corporation

  LTL307JGT Datasheet HTML 1Page - Lite-On Technology Corporation LTL307JGT Datasheet HTML 2Page - Lite-On Technology Corporation LTL307JGT Datasheet HTML 3Page - Lite-On Technology Corporation LTL307JGT Datasheet HTML 4Page - Lite-On Technology Corporation LTL307JGT Datasheet HTML 5Page - Lite-On Technology Corporation LTL307JGT Datasheet HTML 6Page - Lite-On Technology Corporation LTL307JGT Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
CAUTIONS
1. Application limitation
The LEDs described here are intended to be used for ordinary electronic equipment (such as office equipment,
communication equipment and household application.) Consult Liteon’s sales in advance for information on
application in which exceptional quality and reliability are required, particularly when the failure or malfunction
of the LEDs may directly jeopardize life or health (such as airplanes, automobiles, traffic control equipment, life
support system and safety devices).
2. Storage
After being shipped from Liteon the LEDs should be kept at 30°C or less and 70%RH or less.
The LEDs
should be used within 3 months. They can be stored for a year in a sealed container with a nitrogen
atmosphere and
moisture
absorbent material. Please avoid
rapid transitions in
ambient temperature
in high
humidity environments where condensation may occur.
3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
4. Forming & Mounting
When forming a lead, the leads should be bent at a point at least 3mm from the base of epoxy bulb.
Do not use
the base of the leadframe as a fulcrum during forming. Lead forming must be done before soldering at normal
temperature. When mounted through hole type LED lamp, avoid the occurrence of residual mechanical
stress
due to clinching.
5. Soldering
When soldering, leave a minimum of 2mm clearance from the resin to the soldering point.
Dipping the resin into the solder must be avoided.
Do not apply any stress to the lead frame during soldering while the LED is at high temperature.
Recommended soldering condition
Soldering iron
Wave soldering
Temperature
Soldering time
300°C Max.
3 sec. Max.
(one time only)
Pre-heat
Pre-heat time
Solder wave
Soldering time
100°C Max.
60 sec. Max.
260°C Max.
10 sec. Max.
*The material of hook type Housing is very sensitive of soldering temperature. Any increase of soldering
temperature might seriously result in serious melting of the housing.
6. Drive Method
LED, a current operated device, requires specific current limit incorporated into the driving circuit. The current
control can be achieved by using a resistor in series with the LED. In order to prevent to exceed the allowed
value of 40% over desired forward current, the resistor should be well chosen for possible voltage variation. Two
possible circuit designs are shown below. The circuit A is recommended, and the circuit B will probably result in
uneven brightness between LEDs because of the Vf-If characteristics of LEDs.
Circuit model A
Circuit model B
LED
LED
Part
No. : LTL307JGT
Page :
5
of
6
BNS-OD-C131/A4


Numéro de pièce similaire - LTL307JGT

FabricantNo de pièceFiches techniqueDescription
logo
Lite-On Technology Corp...
LTL307JGD LITEON-LTL307JGD Datasheet
390Kb / 10P
   Property of Lite-On Only
LTL307JGD-001A LITEON-LTL307JGD-001A Datasheet
437Kb / 11P
   Property of Lite-On Only
LTL307JGD-041A LITEON-LTL307JGD-041A Datasheet
606Kb / 12P
   Through Hole Lamp
LTL307JGD-0G1A LITEON-LTL307JGD-0G1A Datasheet
447Kb / 11P
   Property of Lite-On Only
More results

Description similaire - LTL307JGT

FabricantNo de pièceFiches techniqueDescription
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com