Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV99T Fiches technique(PDF) 1 Page - Micro Commercial Components

No de pièce BAV99T
Description  150mW 85Volt Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV99T Fiches technique(HTML) 1 Page - Micro Commercial Components

  BAV99T Datasheet HTML 1Page - Micro Commercial Components BAV99T Datasheet HTML 2Page - Micro Commercial Components BAV99T Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
150mW 85Volt
Switching Diode
SOT-523
Features
Ultra-Small Surface Mount Package
For General Purpose Switching Applications
High Conductance
Maximum Ratings
Operating Temperature: -55 C to +150 C
Storage Temperature: -55 C to +150 C
Electrical Characteristics @ 25 C Unless Otherwise Specified
Peak Repetitive
Reverse Voltage
VRRM
85V
Continuous
Forward Current
IF
75mA
Power Dissipation
PD
150mW
Peak Forward Surge
Current
@t=1.0us
@t=1.0ms
@t=1.0s
IFSM
4.0A
1.0A
0.5A
Maximum
Instantaneous
Forward Voltage
VF
715mV
855mV
1000mV
1250mV
IF = 1mA
IF = 10mA;
IF = 50mA
IF = 150mA
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
2 A
0.03 A
VR=75Volts
VR=25Volts
Typical Total
Capacitance
CT
1.5pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
4nS
IF = IR = 10mA,
Irr = 0.1 x IR,
RL = 100
BAS16T
BAW56T
BAV70T
BAV99T
BAS16T
Marking : A2
BAW56T
Marking : JD
BAV70T
Marking : JJ
BAV99T
Marking : JE
Revision:
C
20
16/10/31
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E
.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
A
C
B
D
E
G
H
J
DIMENSIONS
K
www.mccsemi.com
1 of 3
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R


Numéro de pièce similaire - BAV99T

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAV99T DIODES-BAV99T Datasheet
200Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 3 - 2
logo
Yea Shin Technology Co....
BAV99T YEASHIN-BAV99T Datasheet
483Kb / 2P
   150mW SOT-523 SURFACE MOUNT
logo
DAESAN ELECTRONIC CORP.
BAV99T DAESAN-BAV99T Datasheet
469Kb / 2P
   SWITCHING DIODE
logo
Infineon Technologies A...
BAV99T INFINEON-BAV99T Datasheet
487Kb / 8P
   Silicon Switching Diode
Mar-10-2004
logo
Jiangsu Changjiang Elec...
BAV99T JIANGSU-BAV99T Datasheet
2Mb / 4P
   SWITCHING DIODE
More results

Description similaire - BAV99T

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BAS16T MCC-BAS16T Datasheet
236Kb / 3P
   150mW 85Volt Switching Diode
BAS16T MCC-BAS16T_13 Datasheet
265Kb / 3P
   150mW 85Volt Switching Diode
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
   150mW SWITCHING DIODE
BAV70M MCC-BAV70M_17 Datasheet
378Kb / 3P
   150mW Switching Diode
1SS226 MCC-1SS226 Datasheet
183Kb / 3P
   150mW SWITCHING DIODE
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
   150mW 75Volt Switching Diode
BAS16X MCC-BAS16X_13 Datasheet
283Kb / 3P
   150mW 75Volt Switching Diode
BAS21T MCC-BAS21T Datasheet
191Kb / 3P
   150mW 250 Volt Switching Diode
BAS21T MCC-BAS21T_13 Datasheet
226Kb / 3P
   150mW 250 Volt Switching Diode
logo
Taiwan Semiconductor Co...
TS4148RZG TSC-TS4148RZG Datasheet
161Kb / 2P
   150mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com