Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TA4018F Datasheet(Fiches technique) 1 Page - Toshiba Semiconductor

Numéro de pièce TA4018F
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

TA4018F Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TA4018F
2003-03-12
1
TOSHIBA Bipolar Linear Integrated Circuit
Silicon Monolithic
TA4018F
VHF Gain Control Amplifier Application
Features
· High gain: |S21|2 = 11dB (@45 MHz, at Maximum gain)
· Gain control range: GR = 37dB (@45 MHz)
· Low distortion: IM3 = 42dB (@45 MHz, at Maximum gain)
· Operating supply voltage: VCC = 4.75 V~5.25 V
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
5.5
V
Total power dissipation
PD (Note 1)
550
mW
Operating temperature
Topr
-40~85
°C
Storage temperature
Tstg
-55~150
°C
Note 1: When mounted on the glass epoxy of 2.5 cm
2 ´ 0.4 t
Pin Assignment
Weight:
0.02g (typ.)
VGCA
8
GND OUT
(1)
OUT
(2)
7
6
5
VCC
1
2
3
4
IN (2)
NC IN (1)
4018F


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn