Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T6B70BF Fiches technique(PDF) 9 Page - Toshiba Semiconductor

No de pièce T6B70BF
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T6B70BF Fiches technique(HTML) 9 Page - Toshiba Semiconductor

Back Button T6B70BF Datasheet HTML 5Page - Toshiba Semiconductor T6B70BF Datasheet HTML 6Page - Toshiba Semiconductor T6B70BF Datasheet HTML 7Page - Toshiba Semiconductor T6B70BF Datasheet HTML 8Page - Toshiba Semiconductor T6B70BF Datasheet HTML 9Page - Toshiba Semiconductor T6B70BF Datasheet HTML 10Page - Toshiba Semiconductor T6B70BF Datasheet HTML 11Page - Toshiba Semiconductor T6B70BF Datasheet HTML 12Page - Toshiba Semiconductor T6B70BF Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
T6B70BF
2003-03-13
9
Test Circuit
(1)
Current consumption
(2)
Oscillation frequency
(3)
High-level input voltage
Low-level input voltage
High-level output voltage
(4)
High-level input current
Low-level input current
Low-level output voltage
(5)
Low to High input switching level
High to Low input switching level
(6)
High-level input current
2
3
6
7
4 MHz
PG
13
12
9
OSCIN
OSCOUT
FOUT
SCTL
SW1IN
SW1OUT
SW2IN
SW2OUT
RESET
SOUT+
SOUT−
VDD
AMPIN
AMPOUT
VSS
DOUT
15
14
10
11
A
16
1
4
5
8
ICC
5 V
2
3
6
7
VOHOSC
13
12
9
OSCIN
OSCOUT
FOUT
SCTL
SW1IN
SW1OUT
SW2IN
SW2OUT
RESET
SOUT+
SOUT−
VDD
AMPIN
AMPOUT
VSS
DOUT
15
14
10
11
16
1
4
5
8
5 V
V
VILOSC
VIHOSC
13
12
9
OSCIN
OSCOUT
FOUT
SCTL
SW1IN
SW1OUT
SW2IN
SW2OUT
RESET
SOUT+
SOUT−
VDD
AMPIN
AMPOUT
VSS
DOUT
15
14
10
11
16
5 V
IILROSC
IIHROSC
VOLOUT V
A
VIN
2
3
6
7
1
4
5
8
A
VIN
2
3
6
7
13
12
9
OSCIN
OSCOUT
FOUT
SCTL
SW1IN
SW1OUT
SW2IN
SW2OUT
RESET
SOUT+
SOUT−
VDD
AMPIN
AMPOUT
VSS
DOUT
15
14
10
11
16
1
4
5
8
5 V
IIHRST
Monitor
Fosc
2
3
6
7
1 to 10 MHz
PG
13
12
9
OSCIN
OSCOUT
FOUT
SCTL
SW1IN
SW1OUT
SW2IN
SW2OUT
RESET
SOUT+
SOUT−
VDD
AMPIN
AMPOUT
VSS
DOUT
15
14
10
11
16
1
4
5
8
5 V
2
3
6
7
4 MHz
PG
13
12
9
OSCIN
OSCOUT
FOUT
SCTL
SW1IN
SW1OUT
SW2IN
SW2OUT
RESET
SOUT+
SOUT−
VDD
AMPIN
AMPOUT
VSS
DOUT
15
14
10
11
16
1
4
5
8
5 V
VILRST
VIHRST
Monitor
Monitor


Numéro de pièce similaire - T6B70BF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
T6B70BFG TOSHIBA-T6B70BFG Datasheet
394Kb / 21P
   Interface IC for Hot Water Dispensers
More results

Description similaire - T6B70BF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com