Moteur de recherche de fiches techniques de composants électroniques |
|
STK25CA8-D35I Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers |
|
STK25CA8-D35I Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 8 page STK25CA8 August 1999 6-6 The STK25CA8 is a versatile memory module that provides two modes of operation. The STK25CA8 can operate as a standard 128K x 8 SRAM. It has a 128K x 8 EEPROM shadow to which the SRAM infor- mation can be copied, or from which the SRAM can be updated in nonvolatile mode. NOISE CONSIDERATIONS Note that the STK25CA8 is a high-speed memory and so must have a high frequency bypass capaci- tor of approximately 0.1 µF connected between V CC and V SS, using leads and traces that are as short as possible. As with all high-speed CMOS ICs, normal careful routing of power, ground and signals will help prevent noise problems. SRAM READ The STK25CA8 performs a READ cycle whenever E and G are low and W is high. The address specified on pins A 0-16 determines which of the 131,072 data bytes will be accessed. When the READ is initiated by an address transition, the outputs will be valid after a delay of t AVQV (READ cycle #1). If the READ is initiated by Eor G, the outputs will be valid at t ELQV or at t GLQV, whichever is later (READ cycle #2). The data outputs will repeatedly respond to address changes within the t AVQV access time without the need for tran- sitions on any control input pins, and will remain valid until another address change or until Eor Gis brought high. SRAM WRITE A WRITE cycle is performed whenever E and W are low. The address inputs must be stable prior to entering the WRITE cycle and must remain stable until either Eor W goes high at the end of the cycle. The data on the common I/O pins DQ 0-7 will be writ- ten into the memory if it is valid t DVWH before the end of a W controlled WRITE or t DVEH before the end of an E controlled WRITE. It is recommended that G be kept high during the entire WRITE cycle to avoid data bus contention on the common I/O lines. If G is left low, internal circuitry will turn off the output buffers t WLQZ after W goes low. AutoStore™ OPERATION The STK25CA8 uses the intrinsic system capaci- tance to perform an automatic store on power down. As long as the system power supply takes at least t STORE to decay from V SWITCH down to 3.6V the STK25CA8 will safely and automatically store the SRAM data in EEPROM on power down. In order to prevent unneeded STORE operations, automatic STOREs will be ignored unless at least one WRITE operation has taken place since the most recent STORE or RECALL cycle. POWER-UP RECALL During power up, or after any low-power condition (V CC <VRESET), an internal RECALL request will be latched. When V CC once again exceeds the sense voltage of V SWITCH,a RECALL cycle will automatically be initiated and will take t RESTORE to complete. If the STK25CA8 is in a WRITE state at the end of power-up RECALL, the SRAM data will be corrupted. To help avoid this situation, a 10K Ohm resistor should be connected either between W and system V CC or between E and system VCC. HARDWARE PROTECT The STK25CA8 offers hardware protection against inadvertent STORE operation and SRAM WRITEs dur- ing low-voltage conditions. When V CAP <VSWITCH, all externally initiated STORE operations and SRAM WRITE s are inhibited. LOW AVERAGE ACTIVE POWER The STK25CA8 draws significantly less current when it is cycled at times longer than 50ns. If the chip enable duty cycle is less than 100%, only standby current is drawn when the chip is disabled. The overall average current drawn by the STK25CA8 depends on the following items: 1) CMOS vs. TTL input levels; 2) the duty cycle of chip enable; 3) the overall cycle rate for accesses; 4) the ratio of READsto WRITEs; 5) the operating temperature; 6) the V CC level; and 7) I/O loading. DEVICE OPERATION |
Numéro de pièce similaire - STK25CA8-D35I |
|
Description similaire - STK25CA8-D35I |