Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8041AN Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD8041AN
Description  160 MHz Rail-to-Rail Amplifier with Disable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8041AN Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD8041AN Datasheet HTML 4Page - Analog Devices AD8041AN Datasheet HTML 5Page - Analog Devices AD8041AN Datasheet HTML 6Page - Analog Devices AD8041AN Datasheet HTML 7Page - Analog Devices AD8041AN Datasheet HTML 8Page - Analog Devices AD8041AN Datasheet HTML 9Page - Analog Devices AD8041AN Datasheet HTML 10Page - Analog Devices AD8041AN Datasheet HTML 11Page - Analog Devices AD8041AN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
REV. B
–6–
AD8041–Typical Performance Characteristics
VOS (mV)
30
15
0
25
20
10
5
–6
6
–5
–4
–3
–2
–1
0
1
2
3
4
5
VS =
2.5V
TA = 25 C
91 PARTS
MEAN = +0.21
STD DEVIATION = 1.47
TPC 1. Typical Distribution of VOS
VOS DRIFT ( V/ C)
0.20
0.15
0
–10
10
–7.5
–5
–2.5
0
2.5
5
7.5
0.10
0.05
MEAN = 0.02 V/ C
STD DEV = 2.87 V/ C
SAMPLE SIZE = 45
TPC 2. VOS Drift Over –40
°C to +85°C
TEMPERATURE ( C)
2
1.5
0
–45
85
–35 –25 –15 –5
5
15
25
35
45
55
65
75
1
0.5
VS = 5V
VCM = 0V
TPC 3. IB vs. Temperature
LOAD RESISTANCE ( )
100
70
95
90
85
80
75
0
2000
250
500
750
1000
1250
1500
1750
VS = 5V
TA = 25 C
TPC 4. Open-Loop Gain vs. RL to 25
°C
TEMPERATURE ( C)
100
97
85
–60
–40
–20
0
20
40
60
80
100
120
94
91
88
VS = 5V
RL = 1k
TO 2.5V
TPC 5. Open-Loop Gain vs. Temperature
OUTPUT VOLTAGE (V)
100
70
40
90
80
60
50
05
0.5
1
1.5
2
2.5
3
3.5
4
4.5
RL = 500
TO 2.5V
VS = 5V
RL = 50
TO 2.5V
TPC 6. Open-Loop Gain vs. Output Voltage


Numéro de pièce similaire - AD8041AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8041AN AD-AD8041AN Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
logo
List of Unclassifed Man...
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results

Description similaire - AD8041AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
logo
List of Unclassifed Man...
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
logo
Texas Instruments
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com