Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD549JHZ Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD549JHZ
Description  Ultralow Input Bias Current Operational Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD549JHZ Fiches technique(HTML) 5 Page - Analog Devices

  AD549JHZ Datasheet HTML 1Page - Analog Devices AD549JHZ Datasheet HTML 2Page - Analog Devices AD549JHZ Datasheet HTML 3Page - Analog Devices AD549JHZ Datasheet HTML 4Page - Analog Devices AD549JHZ Datasheet HTML 5Page - Analog Devices AD549JHZ Datasheet HTML 6Page - Analog Devices AD549JHZ Datasheet HTML 7Page - Analog Devices AD549JHZ Datasheet HTML 8Page - Analog Devices AD549JHZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AD549
Data Sheet
Rev. K | Page 4 of 18
AD549J
AD549K
AD549L
AD549S
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
FREQUENCY RESPONSE
Unity Gain, Small Signal
0.7
1.0
0.7
1.0
0.7
1.0
0.7
1.0
MHz
Full Power Response
50
50
50
50
kHz
Slew Rate
2
3
2
3
2
3
2
3
V/μs
Settling Time, 0.1%
4.5
4.5
4.5
4.5
μs
Settling Time, 0.01%
5
5
5
5
μs
Overload Recovery, 50%
Overdrive, G = −1
2
2
2
2
μs
POWER SUPPLY
Rated Performance
±15
±15
±15
±15
V
Operating
±5
±18
±5
±18
±5
±18
±5
±18
V
Quiescent Current
0.60
0.70
0.60
0.70
0.60
0.70
0.60
0.70
mA
TEMPERATURE RANGE
Operating, Rated
Performance
0
70
0
70
0
70
−55
+125
°C
Storage
−65
+150
−65
+150
−65
+150
−65
+150
°C
1 Bias current specifications are guaranteed after five minutes of operation at TA = 25°C. Bias current increases by a factor of 2.3 for every 10°C rise in temperature.
2 Input offset voltage specifications are guaranteed after five minutes of operation at TA = 25°C.
3 Defined as maximum continuous voltage between the inputs, such that neither input exceeds ±10 V from ground.


Numéro de pièce similaire - AD549JHZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD549JHZ AD-AD549JHZ Datasheet
1Mb / 20P
   Ultralow Input Bias Current Operational Amplifier
Rev. H
More results

Description similaire - AD549JHZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD549 AD-AD549_08 Datasheet
1Mb / 20P
   Ultralow Input Bias Current Operational Amplifier
Rev. H
AD549 AD-AD549 Datasheet
418Kb / 12P
   Ultralow Input Bias Current Operational Amplifier
REV. A
logo
List of Unclassifed Man...
HT1104Z ETC1-HT1104Z Datasheet
27Kb / 2P
   HIGH TEMPERATURE QUAD ULTRALOW INPUT BIAS CURRENT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-297 AD-OP-297 Datasheet
592Kb / 16P
   DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
REV. B
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Analog Devices
OP297 AD-OP297_06 Datasheet
323Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. F
OP297 AD-OP297_03 Datasheet
266Kb / 12P
   Dual Low Bias Current Precision Operational Amplifier
REV. E
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP297 AD-OP297_15 Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
OP297 AD-OP297 Datasheet
191Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com