Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP207 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce OP207
Description  Dual Ultra-Low Vos Matched Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP207 Fiches technique(HTML) 5 Page - Analog Devices

  OP207 Datasheet HTML 1Page - Analog Devices OP207 Datasheet HTML 2Page - Analog Devices OP207 Datasheet HTML 3Page - Analog Devices OP207 Datasheet HTML 4Page - Analog Devices OP207 Datasheet HTML 5Page - Analog Devices OP207 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
OP207
ASD0010727 Rev. F | Page 4 of 5
4.1
Electrical Test Requirements:
Notes:
1/ PDA applies to subgroup 1. VOS and delta’s excluded from PDA.
2/ See table III for delta limits.
4.2
Table III. Burn-in test delta limits.
5.0
Life Test/Burn-In Circuit:
5.1 HTRB is not applicable for this drawing.
5.2 Burn-in is per MIL-STD-883 Method 1015 test condition B.
5.3 Steady state life test is per MIL-STD-883 Method 1005, test condition B.
Table II
Test Requirements
Subgroups (in accordance
with MIL-PRF-38535,
Table III)
Interim Electrical Parameters
1
Final Electrical Parameters
1, 2, 3, 4, 5, 6, 7 1/ 2/
Group A Test Requirements
1, 2, 3, 4, 5, 6
Group C end-point electrical parameters
1 2/
Group D end-point electrical parameters
1
Group E end-point electrical parameters
1
Table III
TEST
TITLE
BURN-IN
ENDPOINT
LIFETEST
ENDPOINT
DELTA
LIMIT
UNITS
VOS
±100
±175
±75
V
±IB
±3
±4
±1
nA


Numéro de pièce similaire - OP207

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP207 AD-OP207 Datasheet
276Kb / 6P
   DUAL ULTRALOW VOS MATCHED OPERATIONAL AMPLIFIER
logo
TT Electronics.
OP207CL TTELEC-OP207CL Datasheet
748Kb / 4P
   7mm Spot Diameter LED
logo
Analog Devices
OP207 AD-OP207_15 Datasheet
288Kb / 6P
   Dual Ultralow V Matched Operational Amplifier
More results

Description similaire - OP207

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP-207 AD-OP-207 Datasheet
276Kb / 6P
   DUAL ULTRALOW VOS MATCHED OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1002 LINER-LT1002_15 Datasheet
189Kb / 16P
   Dual, Matched Precision Operational Amplifier
logo
Analog Devices
OP10 AD-OP10_15 Datasheet
616Kb / 12P
   DUAL MATCHED INSTRUMENTATION OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1002 LINER-LT1002 Datasheet
344Kb / 16P
   Dual, Matched Precision Operational Amplifier
logo
Analog Devices
OP10AY AD-OP10AY Datasheet
478Kb / 12P
   Dual Matched Instrumentation Operational Amplifier
OP10CY AD-OP10CY Datasheet
478Kb / 12P
   Dual Matched Instrumentation Operational Amplifier
OP-10 AD-OP-10 Datasheet
612Kb / 12P
   DUAL MATCHED INSTRUMENTATION OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
SA5232 PHILIPS-SA5232 Datasheet
91Kb / 10P
   Matched dual high-performance low-voltage operational amplifier
2002 May 21
NE5232 NXP-NE5232 Datasheet
96Kb / 10P
   Matched dual high-performance low-voltage operational amplifier
2002 May 21
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
   ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com