Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMB3EZ12D5 Fiches technique(PDF) 1 Page - Micro Commercial Components

No de pièce SMB3EZ12D5
Description  3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMB3EZ12D5 Fiches technique(HTML) 1 Page - Micro Commercial Components

  SMB3EZ12D5 Datasheet HTML 1Page - Micro Commercial Components SMB3EZ12D5 Datasheet HTML 2Page - Micro Commercial Components SMB3EZ12D5 Datasheet HTML 3Page - Micro Commercial Components SMB3EZ12D5 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Mechanical Data
TERMINALS : Solder plated, solderable per MIL-STD-750,
method 2026
SMB
3EZ5.6D5
THRU
SMB
3EZ200D5
3 W Glass Passivated
Junction Silicon
Zener Diode
5.
6-200 Volts
POLARITY : Color band denotes positive end (cathode)
Maximum Ratings @ 25
oC Unless Otherwise Specified
3
Watts
Maximum forward
Junction and Storage
Temperature Range
TJ,TSTG -55
oC to
+150oC
DC Power Dissipation
(Note2)
at TL=50
oC
voltage at IF=200mA
VF
1.5
Vdc
PD
NOTES:
2.
TL=Lead temperature at 3/8"(9.5mm)from body
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision: A
2015/12/05
www.mccsemi.com
1 of
4




• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
• Built-in Strain Relief
• Glass Passivated Junction
Low Inductance
• Excellent Clamping Capability
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
A
B
D
C
E
F
G
H
0.050”
0.106"
0.083”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A.1
60
.1
85
4.06
4.70
B.1
30
.1
55
3.30
3.94
C
.006
.012
0.15
0.31
D..030
.0
60
0.76
1..
52
E.
200
.2
20
5.08
5.59
F.0
79
.
096
2.00
2.
44
G.0
75
.0
87
1.
91
2.21
H
.002
.00
80.05
0.
203
DO-214AA
(SMB) (LEAD FRAME)
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
TM


Numéro de pièce similaire - SMB3EZ12D5

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SMB3EZ12D5 SECOS-SMB3EZ12D5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
Anova Technologies CO.,...
SMB3EZ12D5 ANOVA-SMB3EZ12D5 Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
SMB3EZ12D5;3A7;SMB ANOVA-SMB3EZ12D5;3A7;SMB Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
More results

Description similaire - SMB3EZ12D5

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
3EZ75D5 MCC-3EZ75D5 Datasheet
525Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
3EZ24D5-TP MCC-3EZ24D5-TP Datasheet
402Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMA3EZ270D5 MCC-SMA3EZ270D5 Datasheet
562Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 6.2-270 Volts
2EZ75D5 MCC-2EZ75D5 Datasheet
513Kb / 5P
   W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMA1EZ110D5HE3 MCC-SMA1EZ110D5HE3 Datasheet
389Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA2EZ10D5HE3 MCC-SMA2EZ10D5HE3 Datasheet
354Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA2EZ75D5 MCC-SMA2EZ75D5 Datasheet
255Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMB2EZ75D5 MCC-SMB2EZ75D5 Datasheet
287Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMB2EZ10D5HE3 MCC-SMB2EZ10D5HE3 Datasheet
366Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA1EZ110D5 MCC-SMA1EZ110D5 Datasheet
370Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com