Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L452RET6 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
STM32L452RET6 Fiches technique(HTML) 1 Page - STMicroelectronics |
1 / 6 page For further information contact your local STMicroelectronics sales office. December 2017 DocID025838 Rev 10 1/6 NUCLEO-XXXXRX NUCLEO-XXXXRX-P STM32 Nucleo-64 boards Data brief Features • STM32 microcontroller in LQFP64 package • External SMPS to generate Vcore logic supply (only available on '-P' suffixed boards) • 1 user LED shared with Arduino™ • 1 user and 1 reset push-buttons • 32.768 kHz LSE crystal oscillator • Board expansion connectors: –Arduino™ Uno V3 – ST morpho extension pin headers for full access to all STM32 I/Os – External SMPS experimentation dedicated connector (only available on '-P' suffixed boards) • Flexible power-supply options: ST-LINK USB VBUS or external sources • On-board ST-LINK/V2-1 debugger/programmer with USB re- enumeration capability. Three different interfaces supported on USB: mass storage, virtual COM port and debug port • Comprehensive free software libraries and examples available with the STM32Cube MCU Package • Support of a wide choice of Integrated Development Environments (IDEs) including IAR™, Keil®, GCC-based IDEs, Arm® Mbed™ • Arm® Mbed Enabled™ compliant (only for some Nucleo part numbers) Table 1. Device summary Reference Part number NUCLEO-XXXXRX (-P) NUCLEO-F030R8, NUCLEO-F070RB, NUCLEO-F072RB, NUCLEO-F091RC, NUCLEO-F103RB, NUCLEO-F302R8, NUCLEO-F303RE, NUCLEO-F334R8, NUCLEO-F401RE, NUCLEO-F410RB, NUCLEO-F411RE, NUCLEO-F446RE, NUCLEO-L010RB, NUCLEO-L053R8, NUCLEO-L073RZ, NUCLEO-L152RE, NUCLEO-L452RE, NUCLEO-L476RG, NUCLEO-L452RE-P, NUCLEO-L433RC-P. Top view of a NUCLEO-XXXXRX board. Top view of a NUCLEO-XXXXRX-P board with SMPS. Pictures are not contractual. www.st.com |
Numéro de pièce similaire - STM32L452RET6 |
|
Description similaire - STM32L452RET6 |