Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA0555M Fiches technique(PDF) 4 Page - Harris Corporation

No de pièce CA0555M
Description  Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HARRIS [Harris Corporation]
Site Internet  http://www.harris.com
Logo HARRIS - Harris Corporation

CA0555M Fiches technique(HTML) 4 Page - Harris Corporation

  CA0555M Datasheet HTML 1Page - Harris Corporation CA0555M Datasheet HTML 2Page - Harris Corporation CA0555M Datasheet HTML 3Page - Harris Corporation CA0555M Datasheet HTML 4Page - Harris Corporation CA0555M Datasheet HTML 5Page - Harris Corporation CA0555M Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8-6
Since the charge rate and threshold level of the comparator
are both directly proportional to V+, the timing interval is rel-
atively independent of supply voltage variations. Typically,
the timing varies only 0.05% for a 1V change in V+.
Applying a negative pulse simultaneously to the reset termi-
nal (4) and the trigger terminal (2) during the timing cycle
discharges CT and causes the timing cycle to restart.
Momentarily closing only the reset switch during the timing
interval discharges CT, but the timing cycle does not restart.
Figure 2 shows the typical waveforms generated during this
mode of operation, and Figure 3 gives the family of time
delay curves with variations in R1 and CT.
Repeat Cycle Timer (Astable Operation)
Figure 4 shows the CA555 connected as a repeat cycle
timer. In this mode of operation, the total period is a function
of both R1 and R2.
T = 0.693 (R1 + 2R2) CT = t1 + t2
where t1 = 0.693 (R1 + R2) CT
and t2 = 0.693 (R2) CT
the duty cycle is:
Typical waveforms generated during this mode of operation
are shown in Figure 5. Figure 6 gives the family of curves of
free running frequency with variations in the value of
(R1 +2R2) and CT.
1
CA555
EO
8
5
2
6
7
3
4
680
RESET
R1
CT
4.7K
680
10K
0.01
µF
RELAY
COIL
1N4001
V+
5V
S1
START
NOTE: All resistance values are in ohms.
FIGURE 1. RESET TIMER (MONOSTABLE OPERATION)
tD
3V
3.3V
5V
0
0
0
SWITCH S1 “OPEN”
SWITCH S1 “CLOSED”
INPUT
VOLTAGE (TERMINAL 2)
CAPACITOR
VOLTAGE (TERMINALS 6, 7)
OUTPUT
VOLTAGE
(TERMINAL 3)
FIGURE 2. TYPICAL WAVEFORMS FOR RESET TIMER
TIME DELAY(s)
10
1
10-1
0.1
0.01
0.001
TA = 25
oC
R1 = 1kΩ
10k
1
10
100
V+ = 5V
100k
1M
10M
10-2
10-3
10-4
10-5
FIGURE 3. TIME DELAY vs RESISTANCE AND CAPACITANCE
1
CA555
EO
8
5
2
6
7
3
4
R1
CT
0.01
µF
RELAY
COIL
R2
V+
5V
FIGURE 4. REPEAT CYCLE TIMER (ASTABLE OPERATION)
t
1
t
1
t
2
+
----------------
=
R
1
R
2
+
R
1
2R
2
+
------------------------
CA555, CA555C, LM555, LM555C, NE555


Numéro de pièce similaire - CA0555M

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA0555CE INTERSIL-CA0555CE Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
logo
Harris Corporation
CA0555CE HARRIS-CA0555CE Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA0555E INTERSIL-CA0555E Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
logo
Harris Corporation
CA0555E HARRIS-CA0555E Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
More results

Description similaire - CA0555M

FabricantNo de pièceFiches techniqueDescription
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com