Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD431490B Fiches technique(PDF) 3 Page - Powerex Power Semiconductors

No de pièce CD431490B
Description  Dual SCR Isolated Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWEREX [Powerex Power Semiconductors]
Site Internet  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD431490B Fiches technique(HTML) 3 Page - Powerex Power Semiconductors

  CD431490B Datasheet HTML 1Page - Powerex Power Semiconductors CD431490B Datasheet HTML 2Page - Powerex Power Semiconductors CD431490B Datasheet HTML 3Page - Powerex Power Semiconductors CD431490B Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
90 Amperes / Up to 1800 Volts
Revision Date: 04/28/2009
CD43__90B
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Forward Leakage Current
IDRM
Up to 1800V, TJ=125°C
20
mA
Repetitive Peak Reverse Leakage Current
IRRM
Up to 1800V, TJ=125°C
20
mA
Peak On-State Voltage
V TM / VFM
ITM / IFM =300A
1.65
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 125°C, I = 16.7% x πIT(AV) to πIT(AV)
0.9
2.0
V
mΩ
Minimum dV/dt
dV/dt
Tj=125°C, Up to 800V
Tj=125°C, 1200 - 1800V
500
1000
V/µs
V/µs
Turn-Off Time (Typical)
t off
TJ = 25°C
40 - 100
(Typical)
µs
Gate Trigger Current
IGT
Tj= 25°C, VD=6V, Resistive Load
150
mA
Gate Trigger Voltage
VGT
Tj= 25°C, VD=6V, Resistive Load
3.0
Volts
Non-Triggering Gate Voltage
VGDM
Tj=125°C, VD=VDRM
0.25
Volts
Non-Triggering Gate Current
IGDM
Tj=125°C, VD=VDRM
6
mA
Holding Current
I H
TJ = 25°C
250
mA
Latching Current
I L
TJ = 25°C
600
mA
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
DC Operation
RΘJ-C
Per Module, both conducting
Per Junction, both conducting
0.14
0.28
°C/W
°C/W
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.1
°C/W


Numéro de pièce similaire - CD431490B

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
CD431490C POWEREX-CD431490C Datasheet
477Kb / 4P
   Dual SCR Isolated Module
More results

Description similaire - CD431490B

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
CD630815B POWEREX-CD630815B Datasheet
113Kb / 4P
   Dual SCR Isolated Module
ND430625 POWEREX-ND430625_12 Datasheet
144Kb / 5P
   Dual SCR Isolated Module
LDR30850 POWEREX-LDR30850 Datasheet
471Kb / 5P
   Dual SCR Isolated Module
PD431207 POWEREX-PD431207_12 Datasheet
373Kb / 5P
   Dual SCR Isolated Module
LD431843 POWEREX-LD431843 Datasheet
324Kb / 5P
   Dual SCR Isolated Module
CD631815C POWEREX-CD631815C Datasheet
486Kb / 4P
   Dual SCR Isolated Module
CD430890C POWEREX-CD430890C Datasheet
477Kb / 4P
   Dual SCR Isolated Module
PD432006 POWEREX-PD432006_12 Datasheet
374Kb / 5P
   Dual SCR Isolated Module
ND430821 POWEREX-ND430821_12 Datasheet
140Kb / 4P
   Dual SCR Isolated Module
ND470625 POWEREX-ND470625_12 Datasheet
142Kb / 5P
   Dual SCR/Diode Isolated Module
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com