Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100ES6111 Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MC100ES6111
Description  LOW VOLTAGE 2.5/3.3V DIFFIERENTIAL ECL / PECL/ HSTL FANOUT BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100ES6111 Fiches technique(HTML) 1 Page - Motorola, Inc

  MC100ES6111 Datasheet HTML 1Page - Motorola, Inc MC100ES6111 Datasheet HTML 2Page - Motorola, Inc MC100ES6111 Datasheet HTML 3Page - Motorola, Inc MC100ES6111 Datasheet HTML 4Page - Motorola, Inc MC100ES6111 Datasheet HTML 5Page - Motorola, Inc MC100ES6111 Datasheet HTML 6Page - Motorola, Inc MC100ES6111 Datasheet HTML 7Page - Motorola, Inc MC100ES6111 Datasheet HTML 8Page - Motorola, Inc MC100ES6111 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order Number: MC100ES6111/D
Rev 1, 05/2002
© Motorola, Inc. 2002
Low Voltage 2.5/3.3V
Differential ECL/PECL/HSTL
Fanout Buffer
The Motorola MC100ES6111 is a bipolar monolithic differential clock
fanout buffer. Designed for most demanding clock distribution systems,
the MC100ES6111 supports various applications that require distribution
of precisely aligned differential clock signals. Using SiGe:C technology
and a fully differential architecture, the device offers very low skew
outputs and superior digital signal characteristics. Target applications for
this clock driver is high performance clock distribution in computing,
networking and telecommunication systems.
1:10 differential clock distribution
35 ps maximum device skew
Fully differential architecture from input to all outputs
SiGe:C technology supports near-zero output skew
Supports DC to 2.7 GHz operation of clock or data signals
ECL/PECL compatible differential clock outputs
ECL/PECL/HSTL compatible differential clock inputs
Single 3.3V, -3.3V, 2.5V or -2.5V supply
Standard 32 lead LQFP package
Industrial temperature range
Pin and function compatible to the MC100EP111
Functional Description
The MC100ES6111 is designed for low skew clock distribution systems and supports clock frequencies up to 2.7 GHz. The
device accepts two clock sources. The CLKA input can be driven by ECL or PECL compatible signals, the CLKB input accepts
HSTL compatible signals. The selected input signal is distributed to 10 identical, differential ECL/PECL outputs. If VBB is
connected to the CLKA input and bypassed to GND by a 10 nF capacitor, the MC100ES6111 can be driven by single-ended
ECL/PECL signals utilizing the VBB bias voltage output.
In order to meet the tight skew specification of the device, both outputs of a differential output pair should be terminated, even if
only one output is used. In the case where not all ten outputs are used, the output pairs on the same package side as the parts
being used on that side should be terminated.
The MC100ES6111 can be operated from a single 3.3V or 2.5V supply. As most other ECL compatible devices, the
MC100ES6111 supports positive (PECL) and negative (ECL) supplies. The MC100ES6111 is pin and function compatible to the
MC100EP111.
MC100ES6111
LOW–VOLTAGE
1:10 DIFFERENTIAL
ECL/PECL/HSTL
CLOCK FANOUT DRIVER
FA SUFFIX
32–LEAD LQFP PACKAGE
CASE 873A


Numéro de pièce similaire - MC100ES6111

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC100ES6130 MOTOROLA-MC100ES6130 Datasheet
280Kb / 8P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
logo
Renesas Technology Corp
MC100ES6130 RENESAS-MC100ES6130 Datasheet
597Kb / 10P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
2019
logo
Motorola, Inc
MC100ES6130DT MOTOROLA-MC100ES6130DT Datasheet
280Kb / 8P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
logo
Renesas Technology Corp
MC100ES6130DT RENESAS-MC100ES6130DT Datasheet
597Kb / 10P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
2019
logo
Motorola, Inc
MC100ES6130DTR2 MOTOROLA-MC100ES6130DTR2 Datasheet
280Kb / 8P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
More results

Description similaire - MC100ES6111

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
MC100ES6210 RENESAS-MC100ES6210 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
logo
Freescale Semiconductor...
MC100ES6210 FREESCALE-MC100ES6210 Datasheet
226Kb / 8P
   Low Voltage 2.5/3.3 V Differential ECL/PECL/HSTL Fanout Buffer
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
Renesas Technology Corp
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
   Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
8T33FS6111 RENESAS-8T33FS6111 Datasheet
1,014Kb / 29P
   Low Voltage 2.5V/3.3V Differential LVPECL/HSTL Fanout Buffer
12/02/14
logo
Texas Instruments
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com