Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4105 Fiches technique(PDF) 4 Page - Micro Commercial Components

No de pièce 1N4105
Description  500mW Silicon Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4105 Fiches technique(HTML) 4 Page - Micro Commercial Components

  1N4105 Datasheet HTML 1Page - Micro Commercial Components 1N4105 Datasheet HTML 2Page - Micro Commercial Components 1N4105 Datasheet HTML 3Page - Micro Commercial Components 1N4105 Datasheet HTML 4Page - Micro Commercial Components 1N4105 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MCC
1N4614 thru 1N4125
100
70
50
30
20
10
7
5
3
2
1
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
PW, PULSE WIDTH (ms)
5% DUTY CYCLE
10% DUTY CYCLE
20% DUTY CYCLE
11V-91V NONREPETITIVE
1.8V-10V NONREPETITIVE
RECT ANGULAR
WAVEFORM
TJ = 25°C PRIOR TO
INITIAL PULSE
Figure 4. Maximum Surge Power 1.8-91 Volts
1000
500
200
100
50
20
10
1
2
5
0.1
0.2
0.5
1
2
5
10
20
50
100
IZ , ZENER CURRENT (mA)
Figure 5. Effect of Zener Current on
Zener Impedance
1000
700
500
200
100
70
50
20
10
7
5
2
1
1
2
3
5
7
10
20
30
50
70 100
VZ , ZENER VOLTAGE (VOLTS)
Figure 6. Effect of Zener Voltage on Zener Impedance
Figure 7. Typical Forward Characteristics
TJ = 2
5
°C
iZ (rms) = 0.1 IZ (dc)
f = 60Hz
IZ =1mA
5mA
20mA
TJ = 25°C
iZ(rms) = 0.1 Iz(dc)
f=60Hz
VZ = 2.7V
47V
27V
6.2V
VF , FOR WARD VOLTAGE (VOLTS)
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1000
500
200
100
50
20
10
5
2
1
MINIMUM
MAXIMUM
150
°C
75
°C
0
°C
25
°C
TM
Micro Commercial Components
Revision:
B
20
12/01/01
www.mccsemi.com
4 of 5


Numéro de pièce similaire - 1N4105

FabricantNo de pièceFiches techniqueDescription
logo
Compensated Deuices Inc...
1N4105 CDI-DIODE-1N4105 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Central Semiconductor C...
1N4105 CENTRAL-1N4105 Datasheet
433Kb / 3P
   Consolidated shipping options
logo
Knox Semiconductor, Inc
1N4105 KNOX-1N4105 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Microsemi Corporation
1N4105 MICROSEMI-1N4105 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4105 MICROSEMI-1N4105 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results

Description similaire - 1N4105

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com