Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1062500231 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 1062500231
Description  MXC-to-PRIZM MT Optical EMI Adapter, Single Port, Screw Mount, with Internal Safety Shutter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX1 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1062500231 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  1062500231 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 11/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1062500231
Status:
Active
Overview:
Optical EMI Shielding Adapters
Description:
MXC*-to-PRIZM† MT Optical EMI Adapter, Single Port, Screw Mount, with Internal
Safety Shutter
Documents:
Drawing (PDF)
Product Literature (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Adapters
Series
106250
Component Type
EMI Shielding
Mode
Multimode
Overview
Optical EMI Shielding Adapters
Product Literature Order No
987650-5251
Product Name
MXC, PRIZM MT
Type
Adapter
UPC
889056755498
Physical
Alignment Sleeve
N/A
Angled Physical Contact (APC)
N/A
Color - Resin
N/A
Ferrule Material
N/A
Gender
Hermaphroditic
Material - Housing
Die-Cast
Mounting Style
Screws
Orientation
Straight
Panel Mount
With Flange
Ports
1
Shutter
Internal, One Side
Electrical
Shield Type
EMI Gasket
Shielded
Yes
Material Info
Reference - Drawing Numbers
Sales Drawing
1062500231-000
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
106250 Series
Use With
Optical Cable Assemblies and FlexPlane
Optical Circuitry
This document was generated on 11/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - 1062500231

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
1062500231 MOLEX-1062500231 Datasheet
43Kb / 1P
   MXC*-to-PRIZM??MT Optical EMI Adapter, Single Port, Screw Mount, with Internal Safety Shutter
1062500231 MOLEX-1062500231_V01 Datasheet
43Kb / 1P
   MXC*-to-PRIZM??MT Optical EMI Adapter, Single Port, Screw Mount, with Internal Safety Shutter
More results

Description similaire - 1062500231

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
1062500231 MOLEX-1062500231_V01 Datasheet
43Kb / 1P
   MXC*-to-PRIZM??MT Optical EMI Adapter, Single Port, Screw Mount, with Internal Safety Shutter
1062500236 MOLEX-1062500236_V01 Datasheet
48Kb / 1P
   MXC*-to-PRIZM??MT Optical EMI Adapter, 6 Ports, 8.30mm Pitch, Screw Mount, with Internal Safety Shutter
1062500236 MOLEX1-1062500236 Datasheet
48Kb / 1P
   MXC-to-PRIZM??MT Optical EMI Adapter, 6 Ports, 8.30mm Pitch, Screw Mount
1061141150 MOLEX1-1061141150 Datasheet
33Kb / 1P
   MTP (MPO) to MT Optical EMI Simplex Adapter, Screw Mount with One Side Shutter
1061141150 MOLEX-1061141150_V01 Datasheet
33Kb / 1P
   MTP (MPO) to MT Optical EMI Simplex Adapter, Screw Mount with One Side Shutter
1061141160 MOLEX1-1061141160 Datasheet
34Kb / 1P
   MTP (MPO) to MT Optical EMI Simplex Adapter, Staggered Screw Mount with One Side Shutter
1061141160 MOLEX-1061141160_V01 Datasheet
33Kb / 1P
   MTP (MPO) to MT Optical EMI Simplex Adapter, Staggered Screw Mount with One Side Shutter
1061141510 MOLEX-1061141510 Datasheet
33Kb / 1P
   MTP (MPO) to HBMT Clip Optical EMI Simplex Adapter, Screw Mount with One Side Shutter
1061141100 MOLEX-1061141100 Datasheet
47Kb / 1P
   EMI MPO Adapter, Simplex, Metal Body, Screw Mount Style, Shutter, with EMI Gasket
1061162100 MOLEX1-1061162100 Datasheet
50Kb / 1P
   EMI SC Adapter, Simplex, Metal Body, Screw Mount Style, Shutter
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com