Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HUFA76504DK8 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce HUFA76504DK8
Description  2.3A, 80V, 0.222 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76504DK8 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  HUFA76504DK8 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A, June 4, 2001
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
0.1
1
10
100
1
10
100
200
200
100
µs
10ms
1ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED
TA = 25
oC
SINGLE PULSE
RθJA = 228
oC/W
1
10
0.01
0.1
1
20
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 150
oC
0
2
4
6
8
10
2.5
3.0
3.5
4.0
4.5
2.0
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 25
oC
TJ = 150
oC
TJ = -55
oC
0
2
4
6
8
10
0
1
2
3
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 3V
TA = 25
oC
VGS = 3.5V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 10V
VGS = 4.5V
150
200
250
300
350
2
4
6
8
10
ID = 1.1A
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 2.5A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.5
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 2.5A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
HUFA76504DK8


Numéro de pièce similaire - HUFA76504DK8

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HUFA76404DK8T FAIRCHILD-HUFA76404DK8T Datasheet
652Kb / 12P
   N-Channel Dual MOSFET
HUFA76407D3 FAIRCHILD-HUFA76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76407D3S FAIRCHILD-HUFA76407D3S Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76407DK8 FAIRCHILD-HUFA76407DK8 Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
More results

Description similaire - HUFA76504DK8

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HUF76105DK8 INTERSIL-HUF76105DK8 Datasheet
176Kb / 12P
   5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76407DK8 FAIRCHILD-HUFA76407DK8 Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76113DK8 INTERSIL-HUF76113DK8 Datasheet
210Kb / 12P
   6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76105DK8 FAIRCHILD-HUF76105DK8 Datasheet
317Kb / 12P
   5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUF76407DK8 FAIRCHILD-HUF76407DK8 Datasheet
262Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76407DK8 INTERSIL-HUF76407DK8 Datasheet
375Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76113DK8 FAIRCHILD-HUF76113DK8 Datasheet
347Kb / 12P
   6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
RFP15N08L INTERSIL-RFP15N08L Datasheet
40Kb / 5P
   15A, 80V, 0.140 Ohm, Logic Level, N-Channel Power MOSFET
HUF75531SK8 INTERSIL-HUF75531SK8 Datasheet
183Kb / 12P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUF75545P3 INTERSIL-HUF75545P3 Datasheet
96Kb / 9P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com