Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LX5512B Fiches technique(PDF) 3 Page - Microsemi Corporation

No de pièce LX5512B
Description  InGaP HBT 2.4 - 2.5 GHz Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5512B Fiches technique(HTML) 3 Page - Microsemi Corporation

  LX5512B Datasheet HTML 1Page - Microsemi Corporation LX5512B Datasheet HTML 2Page - Microsemi Corporation LX5512B Datasheet HTML 3Page - Microsemi Corporation LX5512B Datasheet HTML 4Page - Microsemi Corporation LX5512B Datasheet HTML 5Page - Microsemi Corporation LX5512B Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LX5512B
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2004
Rev. 1.0, 2004-06-23
InGaP HBT 2.4 – 2.5 GHz Power Amplifier
TM
®
ELECTRICAL CHA RACTERISTICS
Test conditions: VC = 3.3V, VREF = 2.95V, ICQ = 65mA, TA = 25°C
LX5512B
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Frequency Range
f
2.4
2.5
GHz
Power Gain @ POUT = 19dBm
Gp
32
dB
EVM @ POUT = 19dBm
64QAM / 54Mbps
3.0
%
Total Current @ POUT = 19dBm
IC_TOTAL
140
mA
Quiescent Current
ICQ
65
mA
Bias Control Reference Current
IREF
For ICQ = 65mA
1.8
mA
Small-Signal Gain
S21
32
dB
Gain Flatness
∆S21
Over 100MHz
±0.25
dB
Gain Variation Over Temperature
∆S21
0 to +85°C
±0.25
dB
Input Return Loss
S11
10
dB
Output Return Loss
S22
10
dB
Reverse Isolation
S12
45
dB
Second Harmonic
POUT = 19dBm
-40
dBc
Third Harmonic
POUT = 19dBm
-40
dBc
Total Current @ POUT = 23dBm
11Mbps CCK
215
mA
2
nd Side Lobe @ 23dBm
11Mbps CCK
-55
dBc
Ramp-On Time
tON
10 ~ 90%
100
ns
Differential Detector Response
19dBm OFDM
1.4
V
Note: All measured data was obtained on a 10mil GETEK evaluation board without heat sink.


Numéro de pièce similaire - LX5512B

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
LX5512B MICROSEMI-LX5512B Datasheet
553Kb / 8P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5512BLQ MICROSEMI-LX5512BLQ Datasheet
553Kb / 8P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5512BLQ-TR MICROSEMI-LX5512BLQ-TR Datasheet
553Kb / 8P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5512B MICROSEMI-LX5512B_05 Datasheet
553Kb / 8P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
More results

Description similaire - LX5512B

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
LX5512B MICROSEMI-LX5512B_05 Datasheet
553Kb / 8P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510 MICROSEMI-LX5510 Datasheet
626Kb / 7P
   InGaP HBT 2.4-2.5 GHz Power Amplifier
LX5535 MICROSEMI-LX5535 Datasheet
74Kb / 2P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E Datasheet
230Kb / 10P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E_05 Datasheet
580Kb / 11P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5510 MICROSEMI-LX5510_05 Datasheet
332Kb / 9P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5518 MICROSEMI-LX5518 Datasheet
114Kb / 2P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5516 MICROSEMI-LX5516 Datasheet
118Kb / 3P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier Module
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
   2.4-2.5 GHz InGaP HBT Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com