Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1674AR Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD1674AR
Description  12-Bit 100 kSPS A/D Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1674AR Fiches technique(HTML) 5 Page - Analog Devices

  AD1674AR Datasheet HTML 1Page - Analog Devices AD1674AR Datasheet HTML 2Page - Analog Devices AD1674AR Datasheet HTML 3Page - Analog Devices AD1674AR Datasheet HTML 4Page - Analog Devices AD1674AR Datasheet HTML 5Page - Analog Devices AD1674AR Datasheet HTML 6Page - Analog Devices AD1674AR Datasheet HTML 7Page - Analog Devices AD1674AR Datasheet HTML 8Page - Analog Devices AD1674AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AD1674–SPECIFICATIONS
AC SPECIFICATIONS
AD1674J/A
AD1674K/B/T
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Signal to Noise and Distortion (S/N+D) Ratio
2, 3
69
70
70
71
dB
Total Harmonic Distortion (THD)
4
–90
–82
–90
–82
dB
0.008
0.008
%
Peak Spurious or Peak Harmonic Component
–92
–82
–92
–82
dB
Full Power Bandwidth
1
1
MHz
Full Linear Bandwidth
500
500
kHz
Intermodulation Distortion (IMD)5
Second Order Products
–90
–80
–90
–80
dB
Third Order Products
–90
–80
–90
–80
dB
SHA (Specifications are Included in Overall Timing Specifications)
Aperture Delay
50
50
ns
Aperture Jitter
250
250
ps
Acquisition Time
1
1
µs
DIGITAL SPECIFICATIONS
Parameter
Test Conditions
Min
Max
Units
LOGIC INPUTS
VIH
High Level Input Voltage
+2.0
VLOGIC +0.5 V
V
VIL
Low Level Input Voltage
–0.5
+0.8
V
IIH
High Level Input Current (VIN = 5 V)
VIN = VLOGIC
–10
+10
µA
IIL
Low Level Input Current (VIN = 0 V)
VIN = 0 V
–10
+10
µA
CIN
Input Capacitance
10
pF
LOGIC OUTPUTS
VOH
High Level Output Voltage
IOH = 0.5 mA
+2.4
V
VOL
Low Level Output Voltage
IOL = 1.6 mA
+0.4
V
IOZ
High-Z Leakage Current
VIN = 0 to VLOGIC
–10
+10
µA
COZ
High-Z Output Capacitance
10
pF
NOTES
1f
IN amplitude = –0.5 dB (9.44 V p-p) 10 V bipolar mode unless otherwise noted. All measurements referred to –0 dB (9.997 V p-p) input signal unless
otherwise noted.
2Specified at worst case temperatures and supplies after one minute warm-up.
3See Figures 12 and 13 for other input frequencies and amplitudes.
4See Figure 11.
5fa = 9.08 kHz, fb = 9.58 kHz with f
SAMPLE = 100 kHz. See Definition of Specifications section and Figure 15.
All min and max specifications are guaranteed.
Specifications subject to change without notice.
–4–
REV. C
(TMIN to TMAX, with VCC = +15 V
10% or +12 V
5%, VLOGIC = +5 V
10%, VEE = –15 V
10% or
–12 V
5%, fSAMPLE = 100 kSPS, fIN = 10 kHz, stand-alone mode unless otherwise noted)
1
(for all grades TMIN to TMAX, with VCC = +15 V
10% or +12 V
5%, VLOGIC = +5 V
10%,
VEE = –15 V
10% or –12 V
5%)


Numéro de pièce similaire - AD1674AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1674AR AD-AD1674AR Datasheet
255Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674AR AD-AD1674AR Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674AR AD-AD1674AR Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674AR AD-AD1674AR Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
More results

Description similaire - AD1674AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
5962-9316401MXA AD-5962-9316401MXA Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674 Datasheet
255Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674BRZ AD-AD1674BRZ Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_15 Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JRZ-REEL AD-AD1674JRZ-REEL Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JNZ AD-AD1674JNZ Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JRZ AD-AD1674JRZ Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD977BRZ AD-AD977BRZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977ARZ AD-AD977ARZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977 AD-AD977 Datasheet
266Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com