Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN4855 Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FAN4855
Description  500mA High Efficiency Boost Regulator with Adjustable Output, Shutdown and Low Battery Detect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4855 Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN4855 Datasheet HTML 4Page - Fairchild Semiconductor FAN4855 Datasheet HTML 5Page - Fairchild Semiconductor FAN4855 Datasheet HTML 6Page - Fairchild Semiconductor FAN4855 Datasheet HTML 7Page - Fairchild Semiconductor FAN4855 Datasheet HTML 8Page - Fairchild Semiconductor FAN4855 Datasheet HTML 9Page - Fairchild Semiconductor FAN4855 Datasheet HTML 10Page - Fairchild Semiconductor FAN4855 Datasheet HTML 11Page - Fairchild Semiconductor FAN4855 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
www.fairchildsemi.com
FAN4855 Rev. 1.0.1
Layout and Grounding Considerations
Careful design of printed circuit board is recommended
since high frequency switching and high peak currents
are present in DC/DC converters applications. A general
rule is to place the converter circuitry well away from any
sensitive analog components. The printed circuit board
layout should be based on some simple rules to minimize
EMI and to ensure good regulation performances:
1.
Place the IC, inductor, input and output capacitor as
close together as possible.
2.
Keep the output capacitor as close to the FAN4855
as possible with very short traces to VOUT and GND
pins. Typically it should be within 0.25 inches or 6
mm.
3.
Keep the traces for the power components wide,
typically > 50 mils or 1.25 mm.
4.
Place the external networks for LBI and FB close to
FAN4855, but away from the power components as
far as possible to prevent voltage transient from cou-
pling into sensitive nodes.
5.
On multilayer boards use component side copper for
grounding around the IC and connect back to a quiet
ground plane using vias. The ground planes act as
electromagnetic shields for some of the RF energy
radiated.
6.
The connection of the GND pin of the IC (pin 8) to
the overall grounding system should be directly to
the bottom of the output filter capacitor. A star
grounding system radiating from where the power
enters the PCB, is a recommended practice.
Application Example
The FAN4855 can be used as a constant current source
to drive white LEDs like QTLP670C-IW. As shown in the
diagram below, the current is maintained constant over a
wide range of input voltages.
L = 10µH
D1
FAN4855
1
2
3
4
8
7
6
5
D2
Cout
10µF
Cin
10µF
+
+
+
D3
D4
62
62
62
62
20
Input Voltage (V)
19.8
19.6
19.4
19.2
19
18.8
18.6
18.4
18.2
18
012
3
4
5


Numéro de pièce similaire - FAN4855

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN4852 FAIRCHILD-FAN4852 Datasheet
3Mb / 16P
   9MHz Low-Power Dual CMOS Amplifier
logo
ON Semiconductor
FAN4852 ONSEMI-FAN4852 Datasheet
1Mb / 18P
   9MHz Low-Power Dual CMOS Amplifier
June 2011 Rev. 4.0.0
logo
Fairchild Semiconductor
FAN4852IMU8X FAIRCHILD-FAN4852IMU8X Datasheet
3Mb / 16P
   9MHz Low-Power Dual CMOS Amplifier
logo
ON Semiconductor
FAN4852IMU8X ONSEMI-FAN4852IMU8X Datasheet
1Mb / 18P
   9MHz Low-Power Dual CMOS Amplifier
June 2011 Rev. 4.0.0
More results

Description similaire - FAN4855

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
ML4854 FAIRCHILD-ML4854 Datasheet
133Kb / 13P
   Adjustable, Low-Current, 2-Cell Boost Regulator with Shutdown and Low Battery Detect
logo
Micro Linear Corporatio...
ML4961 MICRO-LINEAR-ML4961 Datasheet
206Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Detect
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Shutdown
ML4950 MICRO-LINEAR-ML4950 Datasheet
290Kb / 10P
   Adjustable Output, Low Current Single Cell Boost Regulator with Detect
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
   Adjustable Output Low Voltage Boost Regulator
ML4790 MICRO-LINEAR-ML4790 Datasheet
192Kb / 10P
   Adjustable Output, Low Ripple Boost Regulator
ML4875 MICRO-LINEAR-ML4875 Datasheet
196Kb / 10P
   Low Voltage Boost Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733_15 Datasheet
349Kb / 13P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733 AIC-AIC1733 Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
logo
Micro Linear Corporatio...
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
   High Current Boost Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com