Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC-335 Fiches technique(PDF) 1 Page - TE Connectivity Ltd

No de pièce FC-335
Description  RELAY NON-LATCHING3PST/NO (DM)35A/28Vdc, 115 Vac ??50/60Hz, 400Hz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FC-335 Fiches technique(HTML) 1 Page - TE Connectivity Ltd

  FC-335 Datasheet HTML 1Page - TE Connectivity Ltd FC-335 Datasheet HTML 2Page - TE Connectivity Ltd FC-335 Datasheet HTML 3Page - TE Connectivity Ltd FC-335 Datasheet HTML 4Page - TE Connectivity Ltd FC-335 Datasheet HTML 5Page - TE Connectivity Ltd FC-335 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SHEET
1 of 6
REV 11/29/17
SERIES FC-335
PRODUCT DATA SHEET
29-Nov-2017 Rev
PH. 828-338-1087
FAX 828-338-1103
1396 CHARLOTTE HIGHWAY, FAIRVIEW, NC 28730
, CARPINTERIA, CA 93013
CAGE CODE
SCALE
NONE
Dimensions shown for reference
Only. Specifications subject to
change.
SERIES FC-335
RELAY NON-LATCHING
3PST/NO (DM)
35A/28Vdc, 115 Vac
– 50/60Hz, 400Hz
PRODUCT FACTS:
o Non-latching Hermetically
Sealed Relay.
o Corrosion protected metal can.
o All welded construction.
o 28 Vdc & 115 Vac coils
available.
o Weight 0.5 lbs Max.
(227 Grams Max).
o Designed and built in
accordance to MIL- PRF-6106.
o 3-Pole 35A Contacts (Form X),
Switching in 1.5 inch3.
o Main contacts are suitable for
use in 360-800 Hz variable
frequency applications.


Numéro de pièce similaire - FC-335

FabricantNo de pièceFiches techniqueDescription
logo
PREMO CORPORATION S.L
FC-3125 PREMO-FC-3125 Datasheet
137Kb / 1P
   Screened Room Filters
FC-316 PREMO-FC-316 Datasheet
137Kb / 1P
   Screened Room Filters
FC-325 PREMO-FC-325 Datasheet
137Kb / 1P
   Screened Room Filters
logo
TE Connectivity Ltd
FC-325 TEC-FC-325 Datasheet
1,004Kb / 6P
   Compact, Hermetically Sealed, Non-Latching Relays
FC-325-CW3 TEC-FC-325-CW3 Datasheet
1,004Kb / 6P
   Compact, Hermetically Sealed, Non-Latching Relays
More results

Description similaire - FC-335

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
389FHXXC1-120A SCHNEIDER-389FHXXC1-120A Datasheet
173Kb / 4P
   Power relay, SE Relays, SPST-NO-DM, 30A, 120 VAC, side flange cover
logo
Leach International Cor...
KM-D5A LEACH-KM-D5A Datasheet
360Kb / 5P
   RELAY – NONLATCH 1 PST-DM, 50 AMP
logo
WAGO Kontakttechnik Gmb...
286-507 WAGO-286-507 Datasheet
318Kb / 6P
   Relay module; Nominal input voltage: 115 VAC
logo
Leach International Cor...
KXX5A LEACH-KXX5A Datasheet
783Kb / 6P
   RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
logo
ORION FANS
OA280 ORIONFANS-OA280 Datasheet
287Kb / 1P
   1 min at 1500 VAC, 50/60Hz
logo
Leach International Cor...
KXD LEACH-KXD Datasheet
554Kb / 5P
   RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
KXDL LEACH-KXDL Datasheet
1Mb / 9P
   RELAY MAGNETIC LATCH 1 PST/NO (DM) / 75 AMP
KXL LEACH-KXL Datasheet
431Kb / 5P
   RELAY MAGNETIC LATCH, 1 PST/NO (DM) / 75 AMP
logo
Weidmuller
2663330000 WEIDMULLER-2663330000 Datasheet
139Kb / 4P
   A2C 50/70-DM
logo
Schneider Electric
A9C30811 SCHNEIDER-A9C30811 Datasheet
87Kb / 3P
   impulse relay iTL - 1P - 1NO - 16A - coil 110 VDC - 230...240 VAC 50/60Hz
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com