Moteur de recherche de fiches techniques de composants électroniques |
|
TP20DC48S15 Fiches technique(PDF) 2 Page - Toppower Electronic Technology Limited |
|
TP20DC48S15 Fiches technique(HTML) 2 Page - Toppower Electronic Technology Limited |
2 / 3 page TP20(30)DC series www.gztoppower.com TEL:0086-20-82019000 Email:sales2@gztoppower.com Page 2 / 3 MECHANICAL DIMENSIONS PIN CONNECTION DIP Package Package Package Package PIN Single 1 +Vin 2 -Vin 3 -V0 4 TRIM 5 +V0 6 CNT B Package MECHANICAL DIMENSIONS B Package PIN CONNECTION DIP Package Package Package Package PIN Single 1 +Vin 2 -Vin 3 CNT 4 TRIM 5 GND 6 +V0 TEMPERATURE CHARACTERISTICS parameter conditions Min Typ Max Units Isolated voltage Input- Output 1500 VDC Isolated voltage Input- case 1500 VDC Isolated voltage Output- case 500 VDC Switch frequency 330 KHZ Mean time between failures Mil HDBK 217F Tc=25 ℃ 2×10 6 case temperature -40 +95 ℃ Storage temperature -55 +125 ℃ Relative humidity 10 90 % short circuit protection Long-term short circuit protection,Automatic recovery Module in every environment temperature rating, case temperature under shall not Units :mm Tolerance:±0.2mm Units :mm Tolerance:±0.2mm 50.80 25.40 10.16 10.16 15.24 20.32 11.20 >4.00 1.00 1.20 5.08 1 2 5 4 3 底视图 7.62 6 1.00 底视图 2 1 3 50.80 6 5 4 45.72 |
Numéro de pièce similaire - TP20DC48S15 |
|
Description similaire - TP20DC48S15 |