Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC8801IDRB Fiches technique(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce DAC8801IDRB
Description  14-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8801IDRB Fiches technique(HTML) 11 Page - Burr-Brown (TI)

Back Button DAC8801IDRB Datasheet HTML 7Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 8Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 9Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 10Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 11Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 12Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 13Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 14Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.ti.com
Bipolar Output Circuit
V
OUT
+
D
16, 384 *
1
V
REF
(2)
R
FB
OPA277
U4
−2.5 V 3 VOUT 3 +2.5 V
VOUT
10 kW
10 kW
+2.5 V
VREF
VDD
VDD
GND
DAC8801
OPA277
U2
IOUT
C1
C2
5 kW
+
+
(+10 V)
(−10 V 3 VOUT 3 +10 V)
Programmable Current Source Circuit
I
L +
(R2
) R3)
R1
R3
V
REF
D
(3)
VDD
VDD
VREF
VREF
DAC8801
U1
RFB
OPA277
U2
IOUT
GND
150 kW
R14
15 kW
R24
C1
10 pF
OPA277
U2
15 kW
R2
50 W
R34
50 W
R3
VOUT
150 kW
R1
IL
LOAD
+
+
DAC8801
SLAS403A – NOVEMBER 2004 – REVISED DECEMBER 2004
The DAC8801, as a 2-quadrant multiplying DAC, can be used to generate a unipolar output. The polarity of the
full-scale output IOUT is the inverse of the input reference voltage at VREF.
Some applications require full 4-quadrant multiplying capabilities or bipolar output swing. As shown in Figure 22,
external op amp U4 is added as a summing amp and has a gain of 2X that widens the output span to 5 V. A
4-quadrant multiplying circuit is implemented by using a 2.5-V offset of the reference voltage to bias U4.
According to the circuit transfer equation given in Equation 2, input data (D) from code 0 to full scale produces
output voltages of VOUT = -2.5 V to VOUT = +2.5 V.
Figure 22. Bipolar Output Circuit
A DAC8801 can be integrated into the circuit in Figure 23 to implement an improved Howland current pump for
precise voltage to current conversions. Bidirectional current flow and high voltage compliance are two features of
the circuit. A application of this circuit includes a 4-mA to 20-mA current transmitter with up to a 500-
Ω load. With
a matched resistor network, the load current of the circuit is shown in Equation 3:
Figure 23. Programmable Bidirectional Current Source Circuit
11


Numéro de pièce similaire - DAC8801IDRB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8801IDRBR TI1-DAC8801IDRBR Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801IDRBT TI1-DAC8801IDRBT Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Description similaire - DAC8801IDRB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com