Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AP1551 Fiches technique(PDF) 4 Page - Anachip Corp

No de pièce AP1551
Description  150KHz, Dual Channel 2A PWM Buck DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AP1551 Fiches technique(HTML) 4 Page - Anachip Corp

  AP1551 Datasheet HTML 1Page - Anachip Corp AP1551 Datasheet HTML 2Page - Anachip Corp AP1551 Datasheet HTML 3Page - Anachip Corp AP1551 Datasheet HTML 4Page - Anachip Corp AP1551 Datasheet HTML 5Page - Anachip Corp AP1551 Datasheet HTML 6Page - Anachip Corp AP1551 Datasheet HTML 7Page - Anachip Corp AP1551 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP1551
150KHz, Dual Channel 2A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Nov 17, 2004
4/8
Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Typ.
Limit
Unit
VFB1
Output
Feedback
4.5V < VIN < 22V
0.2A < ILOAD < 2A
VOUT programmed for
3V
1.23
1.193/1.18
1.267/1.28
V
VMIN
VMAX
AP1551-channel 1
η
Efficiency
VIN = 12V, ILOAD=2A
76
%
VFB2
Output
Feedback
4.5V < VIN < 22V
0.2A < ILOAD < 2A
VOUT programmed for
3V
1.23
1.193/1.18
1.267/1.28
V
VMIN
VMAX
AP1551-channel 2
η
Efficiency
VIN = 12V, ILOAD=2A
76
%
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25ºC.
Typical Application Circuit
4
13
8
9
7
10
6
11
5
12
3
14
2
15
1
16
GND2
GND2
SD2
V
IN2
SD1
V
IN1
GND1
GND1
GND1
GND1
V
OUT1
FB1
V
OUT2
FB2
GND2
GND2
OFF ON
OFF ON
12V DC input
Cin
820uF
2.5V Vout1
3.3V Vout2
Cout1
470uF
Cout2
470uF
33uH
1.1k
1k
33uH
1.8k
1k
R1
R2
R3
R4
Vout1 =VFB× (1 +
R2
R1 );
Vout2 =VFB× (1 +
R4
R3 );
VFB = 1.235V
R2 = R4 = 1K ~ 3K


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AP1509 150KHz 2A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1507 150KHz 3A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
RT9222 PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH DUAL ADJUSTABLE LOW DROPOUT LINEAR REGULATOR CONROLLER 1  2  3  4  5  More List of Unclassifed Manufacturers
AP1506 150KHz 3A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1515 150KHz 1.5A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1501A 150Khz 5A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
NCP1501 Dual Mode PWM/Linear Buck Converter 1  2  3  4  5  More ON Semiconductor
RT9232 PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT 1  2  3  4  5  More Richtek Technology Corporation
AX2596 150KHz 3A PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
AX3203 150KHz 5A PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers