Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3388 Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce 2SK3388
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3388 Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  2SK3388 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3388 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3388 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3388 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3388 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3388 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3388
2002-02-06
2
Electrical Characteristics (Note 4) (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
¾
¾
±10
mA
Drain cut-off current
IDSS
VDS = 250 V, VGS = 0 V
¾
¾
100
mA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
250
¾
¾
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.5
¾
3.5
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 10 A
¾
82
105
m
W
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 10 A
10
20
¾
S
Input capacitance
Ciss
¾
4000
¾
Reverse transfer capacitance
Crss
¾
300
¾
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
¾
1000
¾
pF
Rise time
tr
¾
7
¾
Turn-on time
ton
¾
20
¾
Fall time
tf
¾
25
¾
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 ms
¾
145
¾
ns
Total gate charge
(gate-source plus gate-drain)
Qg
¾
100
¾
Gate-source charge
Qgs
¾
70
¾
Gate-drain (“miller”) charge
Qgd
VDD ~- 200 V, VGS = 10 V,
ID = 20 A
¾
30
¾
nC
Note 4: Please connect the S1 pin and S2 pin, and then ground the connected pin.
(However, while switching times are measured, please don’t connect and ground it.)
Source-Drain Ratings and Characteristics (Note 5) (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1, Note 5)
IDR1
¾
¾
¾
20
A
Pulse drain reverse current
(Note 1, Note 5)
IDRP1
¾
¾
¾
60
A
Continuous drain reverse current
(Note 1, Note 5)
IDR2
¾
¾
¾
1
A
Pulse drain reverse current
(Note 1, Note 5)
IDRP2
¾
¾
¾
4
A
Forward voltage (diode)
VDS2F
IDR1 = 20 A, VGS = 0 V
¾
¾
-2.0
V
Reverse recovery time
trr
¾
300
¾
ns
Reverse recovery charge
Qrr
IDR = 20 A, VGS = 0 V,
dIDR/dt = 100 A/ms
¾
3.3
¾
mC
Note 5: drain, flowing current value between the S2 pin, open the S1 pin
drain, flowing current value between the S1 pin, open the S2 pin
Unless otherwise specified, please connect the S1 and S2 pins, and then ground the connected pin.
Marking
VDD ~- 125 V
0 V
VGS
10 V
ID = 10 A
VOUT
Lot Number
Month (starting from alphabet A)
Year
(last number of the christian era)
Type
K3388


Numéro de pièce similaire - 2SK3388

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3388 TOSHIBA-2SK3388 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3388 TOSHIBA-2SK3388 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3388 TOSHIBA-2SK3388 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3388 TOSHIBA-2SK3388_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results

Description similaire - 2SK3388

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
2SK3759 TOSHIBA-2SK3759 Datasheet
91Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type ( -MOS??
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com