Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTCLE100E3 Fiches technique(PDF) 13 Page - Vishay Siliconix

No de pièce NTCLE100E3
Description  NTC Thermistors, Radial Leaded, Standard Precision
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE100E3 Fiches technique(HTML) 13 Page - Vishay Siliconix

Back Button NTCLE100E3_16 Datasheet HTML 9Page - Vishay Siliconix NTCLE100E3_16 Datasheet HTML 10Page - Vishay Siliconix NTCLE100E3_16 Datasheet HTML 11Page - Vishay Siliconix NTCLE100E3_16 Datasheet HTML 12Page - Vishay Siliconix NTCLE100E3_16 Datasheet HTML 13Page - Vishay Siliconix NTCLE100E3_16 Datasheet HTML 14Page - Vishay Siliconix NTCLE100E3_16 Datasheet HTML 15Page - Vishay Siliconix NTCLE100E3_16 Datasheet HTML 16Page - Vishay Siliconix NTCLE100E3_16 Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NTCLE100E3
www.vishay.com
Vishay BCcomponents
Revision: 22-Dec-16
13
Document Number: 29049
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For complete Curve Computation, visit: www.vishay.com/thermistors/ntc-curve-list/
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES WITH R25 AT (150, 220, 330, 470) k
TOPER
(°C)
PART NUMBER
NTCLE100E3
154***
224***
TCR
(%/K)
R/R DUE
TO Btol.
(%)
334***
474***
TCR
(%/K)
R/R DUE
TO Btol.
(%)
RT
(k
)
RT
(k
)
RT
(k
)
RT
(k
)
-40
6153
9024
-6.83
10.22
16 044
22 850
-7.14
6.41
-35
4394
6444
-6.64
9.24
11 282
16 068
-6.94
5.80
-30
3168
4646
-6.45
8.29
8013
11 413
-6.74
5.20
-25
2305
3381
-6.27
7.39
5747
8185
-6.55
4.64
-20
1693
2483
-6.09
6.52
4161
5926
-6.37
4.09
-15
1254
1839
-5.92
5.68
3040
4329
-6.19
3.57
-10
936.4
1373
-5.75
4.88
2240
3190
-6.02
3.06
-5
705.0
1034
-5.60
4.10
1665
2371
-5.85
2.57
0
535.0
784.7
-5.44
3.36
1248
1777
-5.69
2.11
5
409.1
600.0
-5.29
2.64
942.3
1342
-5.54
1.65
10
315.1
462.1
-5.15
1.94
717.1
1021
-5.39
1.22
15
244.4
358.4
-5.01
1.27
549.8
783.0
-5.24
0.80
20
190.8
279.9
-4.88
0.63
424.5
604.6
-5.10
0.39
25
150.0
220.0
-4.75
0.00
330.0
470.0
-4.97
0.00
30
118.6
174.0
-4.63
0.60
258.2
367.8
-4.84
0.38
35
94.42
138.5
-4.51
1.19
203.4
289.6
-4.72
0.75
40
75.58
110.9
-4.39
1.76
161.1
229.5
-4.59
1.10
45
60.85
89.24
-4.28
2.30
128.4
182.9
-4.48
1.45
50
49.25
72.24
-4.17
2.83
103.0
146.7
-4.37
1.78
55
40.08
58.78
-4.07
3.35
83.00
118.2
-4.26
2.10
60
32.78
48.08
-3.97
3.85
67.26
95.80
-4.15
2.41
65
26.94
39.51
-3.87
4.33
54.79
78.04
-4.05
2.72
70
22.25
32.63
-3.78
4.80
44.85
63.88
-3.95
3.01
75
18.46
27.07
-3.69
5.26
36.90
52.55
-3.86
3.30
80
15.38
22.56
-3.60
5.70
30.49
43.43
-3.77
3.58
85
12.87
18.88
-3.52
6.14
25.31
36.05
-3.68
3.85
90
10.82
15.87
-3.44
6.56
21.10
30.06
-3.59
4.11
95
9.129
13.39
-3.36
6.96
17.67
25.16
-3.51
4.37
100
7.732
11.34
-3.28
7.36
14.85
21.15
-3.43
4.62
105
6.574
9.642
-3.21
7.75
12.53
17.85
-3.35
4.86
110
5.610
8.228
-3.14
8.13
10.62
15.12
-3.28
5.10
115
4.804
7.046
-3.07
8.49
9.029
12.86
-3.21
5.33
120
4.128
6.054
-3.00
8.85
7.704
10.97
-3.14
5.55
125
3.559
5.219
-2.94
9.20
6.597
9.396
-3.07
5.77
130
3.078
4.514
-2.87
9.54
5.668
8.072
-3.00
5.99
135
2.670
3.916
-2.81
9.87
4.885
6.958
-2.94
6.20
140
2.323
3.408
-2.75
10.20
4.224
6.016
-2.88
6.40
145
2.028
2.974
-2.69
10.52
3.663
5.217
-2.82
6.60
150
1.774
2.603
-2.64
10.83
3.186
4.538
-2.76
6.79


Numéro de pièce similaire - NTCLE100E3_16

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
NTCLE100E3102HB0 VISHAY-NTCLE100E3102HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103GB0 VISHAY-NTCLE100E3103GB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103SB0 VISHAY-NTCLE100E3103SB0 Datasheet
100Kb / 5P
   NTC Thermistors, Special Accuracy
Revision: 14-Sep-06
NTCLE100E3104SB0 VISHAY-NTCLE100E3104SB0 Datasheet
100Kb / 5P
   NTC Thermistors, Special Accuracy
Revision: 14-Sep-06
More results

Description similaire - NTCLE100E3_16

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
NTCLE100E3153JB0 VISHAY-NTCLE100E3153JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3473JB0 VISHAY-NTCLE100E3473JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3_V01 Datasheet
208Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
01-Jan-2022
NTCLE100E3102HB0 VISHAY-NTCLE100E3102HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3472JB0 VISHAY-NTCLE100E3472JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103GB0 VISHAY-NTCLE100E3103GB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
01C1002FP VISHAY-01C1002FP Datasheet
101Kb / 5P
   NTC Thermistors, Radial Leaded and Coated
Revision: 12-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com