Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTCAFLEX05 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce NTCAFLEX05
Description  NTC Thermistors, Flex Foil Sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCAFLEX05 Fiches technique(HTML) 1 Page - Vishay Siliconix

  NTCAFLEX05_17 Datasheet HTML 1Page - Vishay Siliconix NTCAFLEX05_17 Datasheet HTML 2Page - Vishay Siliconix NTCAFLEX05_17 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTCAFLEX05 Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Sep-17
1
Document Number: 29132
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, Flex Foil Sensors
DESIGN SUPPORT TOOLS click logo to get started
• NTC curve computation:
www.vishay.com/thermistors/ntc-curve-list/
Notes
(1) Measured from 25 °C air to 125 °C heated plate, pressed on the
surface
(2) Withstanding voltage up to 4 kVAC between the NTC and the
bottom stiffener
(3) Thermal time constant and thermal gradient are dependent on
the way of mounting
FEATURES
• Rapid response time on surface down to 2 s
• Suitable for narrow space applications
• High flexibility of the foil
• Insulated and humidity resistant
• A strain relief hole is included in the flex design
to avoid traction to the sensor head
• Gold plated terminations
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Consumer appliances and white goods
• Power supply (heat-sinks)
• Battery, displays, LED
• Industrial applications, robotics
•Boilers
• EV and HV batteries
DESCRIPTION
• Miniature NTC thermistor body mounted on an insulated
flex foil and topped with an insulating epoxy glob top
• For flat surface temperature sensing with low thermal
mass and rapid response time
MOUNTING
• The stiff flat sensing area can be pressed against a flat
surface by means of insulating material (silicone foam), by
spring force or by taping it with a double sided
temperature resistant adhesive
• The sensor contacts can be connected to a PCB
counter-connector or wire-to-wire connector or soldered
to conductors, or crimped with FFC connectors and ZiF
connectors
• A mating connector can be for example a 0.5 mm pitch
7 poles connector for FPC, with top contacts, accepting
4 mm FPC width, ZIF or non-ZIF versions. The poles
(1 + 2) and (6 + 7) can be used for the electrical
connection. For example in SMT versions : TE 1734839-7,
Hirose FH34S-7S-0,5SH(50), Molex 054550-0771, Molex
052745-0797
• Consult Vishay for other screw sizes, lead length,
insulation, connector crimping or other features
Note
• FFC/FPC = Flexible Film Circuit/Flexible Printed Circuit
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
10K to 122K
Tolerance on R25-value
± 1; ± 3
%
B25/85-value
3435 to 3960
K
Tolerance on B25/85-value
± 1
%
Operating temperature range at zero
power
-40 to +125
°C
Thermal time constant by heating (1) (3)
2s
Thermal gradient (3)
< 0.02
K/K
Minimum dielectric withstanding
voltage (2)
500
VAC
Minimum insulation resistance
10
M
Maximum dissipation at 25 °C
60
mW
Weight (without connector)
0.06
g
Available
Models
Available
Design Tools
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(
)
R25-TOL.
(± %)
B25/85
(K)
B25/85 -TOL
(± %)
DESCRIPTION
SAP MATERIAL AND
ORDERING NUMBER
10 000
1
3435
1
NTC Flex05 10K 1 %
3435K 25 mm
NTCAFLEX05103FL
10 000
3
3960
1
NTC Flex05 10K 3 %
3960K 25 mm
NTCAFLEX05103HH
47 000
3
3960
1
NTC Flex05 47K 3 %
3960K 25 mm
NTCAFLEX05473HH
122 000
1
3590
1
NTC Flex05 122K 1 %
3590 K 25 mm
NTCAFLEX05124FM


Numéro de pièce similaire - NTCAFLEX05_17

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
NTCAFLEX05103FH VISHAY-NTCAFLEX05103FH Datasheet
82Kb / 3P
   NTC Thermistors, Flex Foil Sensors
01-Jan-2022
NTCAFLEX05103FL VISHAY-NTCAFLEX05103FL Datasheet
82Kb / 3P
   NTC Thermistors, Flex Foil Sensors
01-Jan-2022
NTCAFLEX05103FM VISHAY-NTCAFLEX05103FM Datasheet
82Kb / 3P
   NTC Thermistors, Flex Foil Sensors
01-Jan-2022
NTCAFLEX05103FX VISHAY-NTCAFLEX05103FX Datasheet
82Kb / 3P
   NTC Thermistors, Flex Foil Sensors
01-Jan-2022
NTCAFLEX05103GH VISHAY-NTCAFLEX05103GH Datasheet
82Kb / 3P
   NTC Thermistors, Flex Foil Sensors
01-Jan-2022
More results

Description similaire - NTCAFLEX05_17

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
NTCAFLEX05 VISHAY-NTCAFLEX05 Datasheet
103Kb / 5P
   NTC Thermistors, Flex Foil Sensors
Revision: 30-May-12
NTCAFLEX05 VISHAY-NTCAFLEX05_V01 Datasheet
82Kb / 3P
   NTC Thermistors, Flex Foil Sensors
01-Jan-2022
NTCAFLEX05SERIES VISHAY-NTCAFLEX05SERIES Datasheet
83Kb / 3P
   NTC Thermistors, Flex Foil Sensors
01-Jan-2022
NTCACAP VISHAY-NTCACAP Datasheet
104Kb / 3P
   NTC Thermistors, Refrigerator Sensors
Revision: 03-Feb-17
NTCACAP VISHAY-NTCACAP_V01 Datasheet
102Kb / 3P
   NTC Thermistors, Refrigerator Sensors
01-Jan-2022
23226333 VISHAY-23226333 Datasheet
81Kb / 6P
   NTC Thermistors, High Temperature Sensors
Revision: 10-Oct-03
232264510 VISHAY-232264510 Datasheet
46Kb / 2P
   NTC Thermistors, Long Lead Sensors
Revision: 10-Oct-03
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 08-Aug-12
232264090042 VISHAY-232264090042 Datasheet
50Kb / 2P
   NTC Thermistors, Steel Capped Sensors
Revision: 10-Oct-03
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 12-Oct-2018
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com