Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRF89XA Fiches technique(PDF) 62 Page - Microchip Technology

No de pièce MRF89XA
Description  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Fiches technique(HTML) 62 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 58Page - Microchip Technology MRF89XA Datasheet HTML 59Page - Microchip Technology MRF89XA Datasheet HTML 60Page - Microchip Technology MRF89XA Datasheet HTML 61Page - Microchip Technology MRF89XA Datasheet HTML 62Page - Microchip Technology MRF89XA Datasheet HTML 63Page - Microchip Technology MRF89XA Datasheet HTML 64Page - Microchip Technology MRF89XA Datasheet HTML 65Page - Microchip Technology MRF89XA Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 140 page
background image
MRF89XA
DS70000622D-page 62
Preliminary
 2010-2017 Microchip Technology Inc.
3.4.4
CHANNEL FILTERS
The second mixer stages are followed by the channel
select filters. The channel select filters have a strong
influence on the noise bandwidth and selectivity of the
receiver and hence its sensitivity. Each filter comprises
a passive and an active section.
3.4.4.1
Passive Filter
Each channel select filter features a passive second-
order RC filter, with a bandwidth programmable
through the PASFILV<3:0> bits (FILCREG<7:4). As it
defines a wider bandwidth, its effect on the sensitivity is
negligible, but its bandwidth must be set up to optimize
blocking immunity. The value entered into this register
sets the single side bandwidth of this filter. For optimum
performance it should be set to three to four times the
cut-off frequency (fc) of the active Butterworth (or
Polyphase) filter described in Section 3.4.4.2, Active
Filter, and as shown in Equation 3-8.
EQUATION 3-8:
3.4.4.2
Active Filter
The “fine” channel selection is performed by an active,
third-order, Butterworth filter, which acts as a low-pass
filter for the zero-IF configuration (FSK), or a complex
Polyphase filter for the low-IF (OOK) configuration. The
POLFILEN bit (SYNCREG<7>) enables or disables the
Polyphase filter.
Figure 3-6 illustrates the required bandwidth of this
filter that varies between the two demodulation modes.
FIGURE 3-6:
ACTIVE CHANNEL FILTER DESCRIPTION
FSK mode: The 99% energy bandwidth of an FSK
modulated signal is approximated, as shown in
Equation 3-9.
EQUATION 3-9:
The BUTFILV<3:0> bits from FILCREG set co, the cut-
off frequency (fc) of the filter. In a zero-IF configuration,
the FSK lobes are centered on the virtual “DC”
frequency. The choice of co should be such that the
modulated signal falls in the filter bandwidth,
anticipating the Local Oscillator frequency drift over the
operating temperature and aging of the device as
shown in Equation 3-10.
EQUATION 3-10:
Figure 3-11 illustrates an accurate overview of the filter
bandwidth versus setting.
OOK mode: The 99% energy bandwidth of an OOK
modulated signal is approximated, as shown in
Equation 3-11.
EQUATION 3-11:
3fc
ButterFilter
BWpassive,filter 4fc
ButterFilter

Low-pass filter for FSK (POLFILEN = 0)
Polyphase filter for OOK (POLFILEN = 1)
-fc
0
frequency
frequency
0
Canceled side of
the polyphase filter
fc
-fc
-fc
BW99%,fsk
2 fdev
BR
2
-------
+
=
2fc BW99%,fsk LOdrifts
+
BW99%,ook
2
tbit
-------
2BR
==


Numéro de pièce similaire - MRF89XA

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
MRF89XAM8A MICROCHIP-MRF89XAM8A Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
MRF89XAM8A-I/RM MICROCHIP-MRF89XAM8A-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8AT-I/RM MICROCHIP-MRF89XAM8AT-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM9A MICROCHIP-MRF89XAM9A Datasheet
623Kb / 36P
   915 MHz Ultra Low-Power Sub-GHz Transceiver Module
11/29/12
More results

Description similaire - MRF89XA

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com