Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

B34063A Datasheet(Fiches technique) 6 Page - List of Unclassifed Manufacturers

Numéro de pièce B34063A
Description  1.5Amp DC-to-DC Converter Control Circuit
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

B34063A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  B34063A Datenblatt HTML 1Page - List of Unclassifed Manufacturers B34063A Datenblatt HTML 2Page - List of Unclassifed Manufacturers B34063A Datenblatt HTML 3Page - List of Unclassifed Manufacturers B34063A Datenblatt HTML 4Page - List of Unclassifed Manufacturers B34063A Datenblatt HTML 5Page - List of Unclassifed Manufacturers B34063A Datasheet HTML 6Page - List of Unclassifed Manufacturers B34063A Datenblatt HTML 7Page - List of Unclassifed Manufacturers B34063A Datenblatt HTML 8Page - List of Unclassifed Manufacturers B34063A Datenblatt HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B34063A
Figure 10. Step-Down Converter
Test
Conditions
Results
Line Regulation
VIN = 15 V to 25 V, IO = 500 mA
12 mV = + 0.12%
Load Regulation
VIN = 25 V, IO = 50 mA to 500 mA
3.0 mV = + 0.03%
Output Ripple
VIN = 25 V, IO = 500 mA
120 mVp-p
Short Circuit Current
VIN = 25 V, RL = 0.1Ω
1.1A
Efficiency
VIN = 25 V, IO = 500 mA
83.7%
Output Ripple With Optional Filter
VIN = 25 V, IO = 500 mA
40 mVp-p


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AMS34063DC-TO-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreAdvanced Monolithic Systems
AMS36063DC-TO-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 Advanced Monolithic Systems
GM340631.5A DC-to-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PL34063AP8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.
PL34063AQ8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.
SL34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 System Logic Semiconductor
IP35063DC-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 Seme LAB
H34063ADC-TO-DC CONVERTER INTEGRATE CIRCUIT DEVICES 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
MC34063ADC-to-DC CONVERTER CONTROL CIRCUITS 1 2 3 4 5 MoreON Semiconductor
AX34063APDC-to-DC Converter Integrate Circuit Devices 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn