Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRV5055 Fiches technique(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
No de pièce DRV5055
Description  Ratiometric Linear Hall Effect Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5055 Fiches technique(HTML) 24 Page - Texas Instruments

Back Button DRV5055 Datasheet HTML 20Page - Texas Instruments DRV5055 Datasheet HTML 21Page - Texas Instruments DRV5055 Datasheet HTML 22Page - Texas Instruments DRV5055 Datasheet HTML 23Page - Texas Instruments DRV5055 Datasheet HTML 24Page - Texas Instruments DRV5055 Datasheet HTML 25Page - Texas Instruments DRV5055 Datasheet HTML 26Page - Texas Instruments DRV5055 Datasheet HTML 27Page - Texas Instruments DRV5055 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
TYP
ALL AROUND
0.05 MAX
FULL R
TYP
(1.07)
(1.7)
(1.27)
(2.54)
(R0.05) TYP
2X (1.07)
2X (1.7)
3X (
0.75) VIA
4221343/C 01/2018
TO-92 - 5.05 mm max height
LPG0003A
TRANSISTOR OUTLINE
LAND PATTERN EXAMPLE
NON-SOLDER MASK DEFINED
SCALE:20X
METAL
TYP
OPENING
SOLDER MASK
1
3
2
2X
METAL
2X
SOLDER MASK
OPENING


Numéro de pièce similaire - DRV5055

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5055 TI1-DRV5055 Datasheet
1Mb / 32P
[Old version datasheet]   DRV5055 Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
362Kb / 20P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   DRV5055 Ratiometric Linear Hall Effect Sensor
More results

Description similaire - DRV5055

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
logo
Honeywell Solid State E...
SS496B HONEYWELL-SS496B Datasheet
1Mb / 4P
   MNIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Texas Instruments
DRV5056 TI1-DRV5056 Datasheet
1Mb / 32P
[Old version datasheet]   Unipolar Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
362Kb / 20P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5056 TI1-DRV5056_19 Datasheet
1Mb / 33P
[Old version datasheet]   unipolar ratiometric linear hall effect sensor
logo
Honeywell Solid State E...
SS495A-SP HONEYWELL-SS495A-SP Datasheet
1Mb / 5P
   MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Texas Instruments
DRV5055-Q1 TI1-DRV5055-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com