Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE3C0053-36 Fiches technique(PDF) 2 Page - Pasternack Enterprises, Inc.

No de pièce PE3C0053-36
Description  N Male to N Male Cable 36 Inch Length Using LMR-240 Coax
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0053-36 Fiches technique(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C0053-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0053-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0053-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Male to N Male Cable 36 Inch Length Using LMR-240 Coax from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable 36 Inch Length Using LMR-240 Coax PE3C0053-36
URL: http://www.pasternack.com/n-male-n-male-lmr240-cable-assembly-pe3c0053-36-p.aspx
PE3C0053-36 REV
PE3C0053-36
N Male to N Male Cable 36 Inch Length Using LMR-240 Coax


Numéro de pièce similaire - PE3C0053-36

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3C0053-12 PASTERNACK-PE3C0053-12 Datasheet
329Kb / 3P
   N Male to N Male Cable 12 Inch Length Using LMR-240 Coax
PE3C0053-24 PASTERNACK-PE3C0053-24 Datasheet
329Kb / 3P
   N Male to N Male Cable 24 Inch Length Using LMR-240 Coax
PE3C0053-48 PASTERNACK-PE3C0053-48 Datasheet
330Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-240 Coax
PE3C0053-60 PASTERNACK-PE3C0053-60 Datasheet
330Kb / 3P
   N Male to N Male Cable 60 Inch Length Using LMR-240 Coax
More results

Description similaire - PE3C0053-36

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3C0039-36 PASTERNACK-PE3C0039-36 Datasheet
329Kb / 3P
   N Male to N Male Cable 36 Inch Length Using LMR-240 Coax
PE3C0044-36 PASTERNACK-PE3C0044-36 Datasheet
329Kb / 3P
   SMA Male to N Male Cable 36 Inch Length Using LMR-240 Coax
PE3C0061-36 PASTERNACK-PE3C0061-36 Datasheet
325Kb / 3P
   N Male to N Male Cable 36 Inch Length Using LMR-195 Coax
PE3C0060-36 PASTERNACK-PE3C0060-36 Datasheet
331Kb / 3P
   N Male to N Male Cable 36 Inch Length Using LMR-195 Coax
PE3C0039-48 PASTERNACK-PE3C0039-48 Datasheet
329Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-240 Coax
PE3C0142-36 PASTERNACK-PE3C0142-36 Datasheet
333Kb / 3P
   N Male to N Male Cable 36 Inch Length Using LMR-SW540 Coax
PE3C0139-36 PASTERNACK-PE3C0139-36 Datasheet
333Kb / 3P
   N Male to N Male Cable 36 Inch Length Using LMR-SW396 Coax
PE3C0053-12 PASTERNACK-PE3C0053-12 Datasheet
329Kb / 3P
   N Male to N Male Cable 12 Inch Length Using LMR-240 Coax
PE3C0039-24 PASTERNACK-PE3C0039-24 Datasheet
341Kb / 3P
   N Male to N Male Cable 24 Inch Length Using LMR-240 Coax
PE3C0048-36 PASTERNACK-PE3C0048-36 Datasheet
325Kb / 3P
   N Male to N Male Cable 36 Inch Length Using LMR-600 Coax
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com