Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5338ARMZ-1REEL7 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD5338ARMZ-1REEL7
Description  2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5338ARMZ-1REEL7 Fiches technique(HTML) 3 Page - Analog Devices

  AD5338ARMZ-1REEL7 Datasheet HTML 1Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 2Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 3Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 4Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 5Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 6Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 7Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 8Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5337/AD5338/AD5339
Rev. A | Page 3 of 24
SPECIFICATIONS
VDD = 2.5 V to 5.5 V; VREF = 2 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Grade A
Grade B
Parameter1
Min
Typ
Max
Min
Typ
Max
Unit
B Version2 Conditions/Comments
DC PERFORMANCE3, 4
AD5337
Resolution
8
8
Bits
Relative Accuracy
±0.15
±1
±0.15
±0.5
LSB
Differential Nonlinearity
±0.02
±0.25
±0.02
±0.25
LSB
Guaranteed monotonic by design over
all codes
AD5338
Resolution
10
10
Bits
Relative Accuracy
±0.5
±4
±0.5
±2
LSB
Differential Nonlinearity
±0.05
±0.5
±0.05
±0.50
LSB
Guaranteed monotonic by design over
all codes
AD5339
Resolution
12
12
Bits
Relative Accuracy
±2
±16
±2
±8
LSB
Differential Nonlinearity
±0.2
±1
±0.2
±1
LSB
Guaranteed monotonic by design over
all codes
Offset Error
±0.4
±3
±0.4
±3
% of FSR
Gain Error
±0.15
±1
±0.15
±1
% of FSR
Lower Deadband
20
60
20
60
mV
Lower deadband exists only if offset error
is negative
Offset Error Drift5
−12
−12
ppm of
FSR/°C
Gain Error Drift5
−5
−5
ppm of
FSR/°C
Power Supply Rejection
Ratio5
−60
−60
dB
∆VDD = ±10%
DC Crosstalk5
200
200
µV
RL = 2 kΩ to GND or VDD
DAC REFERENCE INPUTS5
VREF Input Range
0.25
VDD
0.25
VDD
V
VREF Input Impedance
37
45
37
45
kΩ
Normal operation
>10
>10
MΩ
Power-down mode
Reference Feedthrough
−90
−90
dB
Frequency = 10 kHz
OUTPUT CHARACTERISTICS5
Minimum Output Voltage6
0.001
0.001
V
This is a measure of the minimum and
maximum drive capabilities of the output
amplifier.
Maximum Output
Voltage6
VDD
0.001
VDD
0.001
V
DC Output Impedance
0.5
0.5
Short Circuit Current
25
25
mA
VDD = 5 V
16
16
mA
VDD = 3 V
Power-Up Time
2.5
2.5
µs
Coming out of power-down mode.
VDD = 5 V
5
5
µs
Coming out of power-down mode.
VDD = 3 V


Numéro de pièce similaire - AD5338ARMZ-1REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5338ARMZ-1REEL7 AD-AD5338ARMZ-1REEL7 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
More results

Description similaire - AD5338ARMZ-1REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5305 AD-AD5305 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5339 AD-AD5339_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5337 AD-AD5337_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5338 AD-AD5338_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5330 AD-AD5330 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com