Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8221BR-REEL7 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD8221BR-REEL7
Description  Precision Instrumentation Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8221BR-REEL7 Fiches technique(HTML) 4 Page - Analog Devices

  AD8221BR-REEL7 Datasheet HTML 1Page - Analog Devices AD8221BR-REEL7 Datasheet HTML 2Page - Analog Devices AD8221BR-REEL7 Datasheet HTML 3Page - Analog Devices AD8221BR-REEL7 Datasheet HTML 4Page - Analog Devices AD8221BR-REEL7 Datasheet HTML 5Page - Analog Devices AD8221BR-REEL7 Datasheet HTML 6Page - Analog Devices AD8221BR-REEL7 Datasheet HTML 7Page - Analog Devices AD8221BR-REEL7 Datasheet HTML 8Page - Analog Devices AD8221BR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8221
Rev. A | Page 4 of 20
AR Grade
BR Grade
ARM Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal –3 dB
Bandwidth
G = 1
825
825
825
kHz
G = 10
562
562
562
kHz
G = 100
100
100
100
kHz
G = 1000
14.7
14.7
14.7
kHz
Settling Time 0.01%
10 V Step
G = 1 to 100
10
10
10
µs
G = 1000
80
80
80
µs
Settling Time 0.001%
10 V Step
G = 1 to 100
13
13
13
µs
G = 1000
110
110
110
µs
Slew Rate
G = 1
1.5
2
1.5
2
1.5
2
V/µs
G = 5–100
2
2.5
2
2.5
2
2.5
V/µs
GAIN
G = 1 + (49.4 kΩ/RG)
Gain Range
1
1000
1
1000
1
1000
V/V
Gain Error
VOUT ±10 V
G = 1
0.03
0.02
0.1
%
G = 10
0.3
0.15
0.3
%
G = 100
0.3
0.15
0.3
%
G = 1000
0.3
0.15
0.3
%
Gain Nonlinearity
VOUT = –10 V to +10 V
G = 1 to 10
RL = 10 kΩ
3
10
3
10
5
15
ppm
G = 100
RL = 10 kΩ
5
15
5
15
7
20
ppm
G = 1000
RL = 10 kΩ
10
40
10
40
10
50
ppm
G = 1 to 100
RL = 2 kΩ
10
95
10
95
15
100
ppm
Gain vs. Temperature
G = 1
3
10
2
5
3
10
ppm/°C
G > 12
–50
–50
–50
ppm/°C
INPUT
Input Impedance
Differential
100||2
100||2
100||2
GΩ||pF
Common Mode
100||2
100||2
100||2
GΩ||pF
Input Operating
Voltage Range3
VS = ±2.3 V to ±5 V
–VS + 1.9
+VS – 1.1
–VS + 1.9
+VS – 1.1
–VS + 1.9
+VS – 1.1
V
Over Temperature
T = –40°C to +85°C
–VS + 2.0
+VS – 1.2
–VS + 2.0
+VS – 1.2
–VS + 2.0
+VS – 1.2
V
Input Operating
Voltage Range
VS = ±5 V to ±18 V
–VS + 1.9
+VS – 1.2
–VS + 1.9
+VS – 1.2
–VS + 1.9
+VS – 1.2
V
Over Temperature
T = –40°C to +85°C
–VS + 2.0
+VS – 1.2
–VS + 2.0
+VS – 1.2
–VS + 2.0
+VS – 1.2
V
OUTPUT
RL = 10 kΩ
Output Swing
VS = ±2.3 V to ±5 V
–VS + 1.1
+VS – 1.2
–VS + 1.1
+VS – 1.2
–VS + 1.1
+VS – 1.2
V
Over Temperature
T = –40°C to +85°C
–VS + 1.4
+Vs – 1.3
–VS + 1.4
+Vs – 1.3
–VS + 1.4
+Vs – 1.3
V
Output Swing
VS = ±5 V to ±18 V
–VS + 1.2
+VS – 1.4
–VS + 1.2
+VS – 1.4
–VS + 1.2
+VS – 1.4
V
Over Temperature
T = –40°C to +85°C
–VS + 1.6
+VS – 1.5
–VS + 1.6
+VS – 1.5
–VS + 1.6
+VS – 1.5
V
Short-Circuit Current
18
18
18
mA
TEMPERATURE RANGE
Specified Performance
–40
+85
–40
+85
–40
+85
°C
Operational4
–40
+125
–40
+125
–40
+125
°C
1 Total RTI VOS = (VOSI) + (VOSO/G).
2 Does not include the effects of external resistor RG.
3 One input grounded. G = 1.
4 See Typical Performance Curves for expected operation between 85°C to 125°C.


Numéro de pièce similaire - AD8221BR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8221BR-REEL7 AD-AD8221BR-REEL7 Datasheet
708Kb / 24P
   Precision Instrumentation Amplifier
REV. B
AD8221BR-REEL7 AD-AD8221BR-REEL7 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD8221BR-REEL7 AD-AD8221BR-REEL7 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results

Description similaire - AD8221BR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com