Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5273 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5273
Description  64-Position OTP Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5273 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5273 Datasheet HTML 6Page - Analog Devices AD5273 Datasheet HTML 7Page - Analog Devices AD5273 Datasheet HTML 8Page - Analog Devices AD5273 Datasheet HTML 9Page - Analog Devices AD5273 Datasheet HTML 10Page - Analog Devices AD5273 Datasheet HTML 11Page - Analog Devices AD5273 Datasheet HTML 12Page - Analog Devices AD5273 Datasheet HTML 13Page - Analog Devices AD5273 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5273
–10–
SCL
SDA
t1
t
2
t
3
t
8
t
8
t
9
t
4
t
5
t
9
t
7
t
6
t
10
P
P
S
Figure 1. Interface Timing Diagram
Table I. SDA Write Mode Bit Format
S
010110
A0
0A
T
XXXXXXXA
XX
D5
D4
D3
D2
D1
D0
A
P
SLAVE ADDRESS BYTE
INSTRUCTION BYTE
DATA BYTE
Table II. SDA Read Mode Bit Format
VDD = 5V/DIV
VW = 1V/DIV
5V
1V
OTP PROGRAMMED AT MS
VDD = 5.5V
VA = 5.5V
RAB = 10k
5 s
TPC 25. Power-Up Settling Time, after Fuses Blown
CODE – Decimal
10
064
16
32
48
0.01
1.0
0.1
8
24
40
56
VA = VB= OPEN
TA = 25 C
RAB = 10k
RAB = 1k
RAB = 50k
RAB = 100k
TPC 26. IWB_MAX vs. Code
SDA BITS DEFINITIONS AND DESCRIPTIONS
S = Start Condition
P = Stop Condition
A = Acknowledge
X = Don’t Care
T = OTP Programming Bit. Logic 1 programs wiper position
permanently.
D5, D4, D3, D2, D1, D0 = Data Bits
E1, E0 = OTP Validation Bits
0, 0 = Ready to Program
0, 1 = Test Fuse not Blown Successfully. (Check Setup.)
1, 0 = Fatal Error. Retry.
1, 1 = Programmed Successfully. No Further Adjustments
Possible.
S
010110
A0
A
E1
E0
D5
D4
D3
D2
D1
D0
A
P
SLAVE ADDRESS BYTE
DATA BYTE
1
REV. 0


Numéro de pièce similaire - AD5273

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5270 AD-AD5270 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5270-20 AD-AD5270-20 Datasheet
223Kb / 5P
   Devices Connected
AD5270BCPZ-100-RL7 AD-AD5270BCPZ-100-RL7 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5270BCPZ-20-RL7 AD-AD5270BCPZ-20-RL7 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5270BRMZ-100 AD-AD5270BRMZ-100 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
More results

Description similaire - AD5273

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5171 AD-AD5171 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5171 AD-AD5171 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
   64-Position Up/DownControl Digital Potentiometer
REV. B
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203 AD-AD5203 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203ARUZ100 AD-AD5203ARUZ100 Datasheet
246Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com