Moteur de recherche de fiches techniques de composants électroniques |
|
74LVT244MSA Fiches technique(PDF) 5 Page - Fairchild Semiconductor |
|
74LVT244MSA Fiches technique(HTML) 5 Page - Fairchild Semiconductor |
5 / 9 page 5 www.fairchildsemi.com AC Electrical Characteristics Note 11: All typical values are at VCC 3.3V, TA 25 qC. Note 12: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design. Capacitance (Note 13) Note 13: Capacitance is measured at frequency f 1 MHz, per MIL-STD-883, Method 3012. Symbol Parameter TA 40qC to 85qC CL 50 pF, RL 500: Units VCC 3.3V r 0.3V VCC 2.7V Min Typ Max Min Max (Note 11) tPLH Propagation Delay Data to Output 1.1 3.8 1.1 4.0 ns tPHL 1.3 3.9 1.3 4.2 tPZH Output Enable Time 1.1 4.5 1.1 5.3 ns tPZL 1.4 4.4 1.4 5.0 tPHZ Output Disable Time 1.9 4.9 1.9 5.1 ns tPLZ 1.8 4.4 1.8 4.4 tOSHL Output to Output Skew 1.0 1.0 ns tOSLH (Note 12) Symbol Parameter Conditions Typical Units CIN Input Capacitance VCC 0V, VI 0V or VCC 3pF COUT Output Capacitance VCC 3.0V, VO 0V or VCC 6pF |
Numéro de pièce similaire - 74LVT244MSA |
|
Description similaire - 74LVT244MSA |