Moteur de recherche de fiches techniques de composants électroniques |
|
2N5060RLRM Fiches technique(PDF) 6 Page - ON Semiconductor |
|
2N5060RLRM Fiches technique(HTML) 6 Page - ON Semiconductor |
6 / 8 page 2N5060 Series http://onsemi.com 6 ORDERING INFORMATION Device Package Shipping† 2N5060 TO−92 5,000 Units / Box 2N5060RLRA TO−92 2,000 / Tape & Reel 2N5060RLRAG TO−92 (Pb−Free) 2,000 / Tape & Reel 2N5060RLRM TO−92 2,000 / Ammo Pack 2N5061 TO−92 5,000 Units / Box 2N5061G TO−92 (Pb−Free) 5,000 Units / Box 2N5061RLRA TO−92 2,000 / Tape & Reel 2N5061RLRAG TO−92 (Pb−Free) 2,000 / Tape & Reel 2N5061RLRM TO−92 2,000 / Ammo Pack 2N5062 TO−92 5,000 Units / Box 2N5062G TO−92 (Pb−Free) 5,000 Units / Box 2N5062RLRA TO−92 2,000 / Tape & Reel 2N5062RLRAG TO−92 (Pb−Free) 2,000 / Tape & Reel 2N5064 TO−92 5,000 Units / Box 2N5064RLRA TO−92 2,000 / Tape & Reel 2N5064RLRM TO−92 2,000 / Ammo Pack 2N5064RLRMG TO−92 (Pb−Free) 2,000 / Ammo Pack 2N5060RL1 TO−92 2,000 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Numéro de pièce similaire - 2N5060RLRM |
|
Description similaire - 2N5060RLRM |