Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54544AL Fiches technique(PDF) 4 Page - Mitsubishi Electric Semiconductor

No de pièce M54544AL
Description  Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54544AL Fiches technique(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M54544AL Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54544AL Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54544AL Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54544AL Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bi-DIRECTIONAL MOTOR DRIVER
WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54544AL
MITSUBISHI <CONTROL / DRIVER IC>
CAUTIONS
Since the thermal protection function of this IC may not work in
abnormal status (oscillation, low supply voltage, output short-
circuit, etc.), check the operation in the IC installation status when
using this function.
When the motor back electromotive force is large with the brakes
applied, for example, malfunction may occur in internal parasitic Di.
If flyback current of 1A or more flows, add Schottky Di to the
portion between the output and the GND.
When the IC is used at a high speed for PWM, etc., note that
switching of output results in delay of approx. 10
µs.
APPLICATION EXAMPLES
1) When VCC and VCC’ are used as the same power supply
2) When VCC is used as a fixed power supply and VCC’ is used as
a variable power supply
1
2
3
4
5
6
7
8
9
M54544AL
VB
R2=3
R1=2
C
10 – 100
µF
Input 2
Input 1
M
1
2
3
4
5
6
7
8
9
M54544AL
VCC
2
C
10 – 100
µF
Input 2
Input 1
M
C
1 – 10
µF
VCC2
VCC1
VCC1
VCC2
VCC2
VCC2
VCC1


Numéro de pièce similaire - M54544AL

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M54544L MITSUBISHI-M54544L Datasheet
80Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
More results

Description similaire - M54544AL

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M54543ASL MITSUBISHI-M54543ASL Datasheet
231Kb / 4P
   BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543AL MITSUBISHI-M54543AL Datasheet
24Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543AFP MITSUBISHI-M54543AFP Datasheet
74Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54549AL MITSUBISHI-M54549AL Datasheet
206Kb / 4P
   DUAL BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54641L MITSUBISHI-M54641L Datasheet
79Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54543L MITSUBISHI-M54543L Datasheet
42Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54544L MITSUBISHI-M54544L Datasheet
80Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
logo
Renesas Technology Corp
M54641L RENESAS-M54641L Datasheet
187Kb / 9P
   Bi-Directional Motor Driver with Brake Function
logo
NTE Electronics
NTE1892 NTE-NTE1892 Datasheet
103Kb / 3P
   Integrated Circuit Dual Bi−Directional Motor Driver with Brake Function and Thermal Shutdown
logo
Toshiba Semiconductor
TA8050AK TOSHIBA-TA8050AK Datasheet
274Kb / 8P
   1.5A MOTOR DRIVER WITH BRAKE FUNCTION
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com