Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS68040VF25A Fiches technique(PDF) 8 Page - ATMEL Corporation

No de pièce TS68040VF25A
Description  Third- Generation 32-bit Microprocessor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040VF25A Fiches technique(HTML) 8 Page - ATMEL Corporation

Back Button TS68040VF25A Datasheet HTML 4Page - ATMEL Corporation TS68040VF25A Datasheet HTML 5Page - ATMEL Corporation TS68040VF25A Datasheet HTML 6Page - ATMEL Corporation TS68040VF25A Datasheet HTML 7Page - ATMEL Corporation TS68040VF25A Datasheet HTML 8Page - ATMEL Corporation TS68040VF25A Datasheet HTML 9Page - ATMEL Corporation TS68040VF25A Datasheet HTML 10Page - ATMEL Corporation TS68040VF25A Datasheet HTML 11Page - ATMEL Corporation TS68040VF25A Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
8
TS68040
2116A–HIREL–09/02
Scope
This drawing describes the specific requirements for the microprocessor TS68040 -
25 MHz and 33 MHz, in compliance with MIL-STD-883 class B or Atmel standard
screening.
Applicable
Documents
MIL-STD-883
1.
MIL-STD-883: test methods and procedures for electronics.
2.
MIL-I-38535: general specifications for microcircuits.
3.
DESC 5962-93143.
Requirements
General
The microcircuits are in accordance with the applicable document and as specified
herein.
Design and Construction
Terminal Connections
See Figure 2 and Figure 3.
Lead Material and Finish
Lead material and finish shall be as specified in MIL-STD-883 (see enclosed “MIL-STD-
883 C and Internal Standard” on page 46).
Package
The macro circuits are packaged in hermetically sealed ceramic packages which con-
form to case outlines of MIL-STD-1835-or as follow:
CMGA 10-179-PAK pin grid array, but see “179 pins – PGA” on page 43.
Similar to CQCC1-F196C-U6 ceramic uniform lead chip carrier package with
ceramic nonconductive tie-bar but use Atmel’s internal drawing, see “196 pins – Tie
Bar CQFP Cavity Up (on request)” on page 44.
Gullwing shape CQFP see “196 pins – Gullwing CQFP cavity up” on page 45.
Bus Clock
BCLK
Clock input used to derive all bus signal timing
Processor Clock
PCLK
Clock input used for internal logic timing. The PCLK frequency is exactly 2X the
BCLK frequency
Test Clock
TCK
Clock signal for the IEEE P1149.1 test access port (TAP)
Test Mode Select
TMS
Selects the principle operations of the test-support circuitry
Test Data Input
TDI
Serial data input for the TAP
Test Data Output
TDO
Serial data output for the TAP
Test Reset
TRST
Provides an asynchronous reset of the TAP controller
Power Supply
V
CC
Power supply
Ground
GND
Ground connection
Table 3. Signal Index (Continued)
Signal Name
Mnemonic
Function


Numéro de pièce similaire - TS68040VF25A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Description similaire - TS68040VF25A

FabricantNo de pièceFiches techniqueDescription
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
Integrated Device Techn...
ICS87002-05 IDT-ICS87002-05 Datasheet
706Kb / 12P
   Third generation FemtoClock
logo
Microsemi Corporation
LX1689 MICROSEMI-LX1689_06 Datasheet
302Kb / 14P
   Third Generation CCFL Controller
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
Toshiba Semiconductor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com