Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3000KS Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce SI-3000KS
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SI-3000KS Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  SI-3000KS Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3000KS Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3000KS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3000KS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3000KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3000KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI-3000KS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
sFeatures
• Compact surface-mount package (SOP-8)
• Output current: 1.0 A
• Low-ESR capacitor can be used.
• Low current consumption Iq
≤ 350
µA (IO = 0 A, VC = 2 V)
• Low current consumption Iq (OFF)
≤ 1
µA (VC = 0 V)
• Low dropout voltage VDIF
≤ 0.6 V (IO = 1 A)
• 4 types of output voltages (1.8 V, 2.5 V, 3.3 V, and variable type) available
• Output ON/OFF control pin compatible with LS-TTL
• Built-in dropping type overcurrent, thermal protection circuits
sApplications
• Local power supplies
• Battery-driven electronic equipment
sAbsolute Maximum Ratings
SI-3000KS Series
Surface-Mount, Low Current Consumption, Low Dropout Voltage DropperType
Unit
V
V
A
W
°C
°C
°C/W
°C/W
Ratings
17
VIN
1.0
0.76
–40 to +125
–40 to +125
130
22
(Ta=25
°C)
*1: VIN (max) and IO (max) are restricted by the relationship PD = (VIN - VO) x IO. Calculate these values referring to the
power dissipation vs. copper area data shown in this document.
*2: When mounted on a glass epoxy board measuring 1600 mm2 (with 2% copper area).
qSI-3000KS Series
Parameter
DC Input Voltage
Output Control Pin Voltage
Output Current
Power Dissipation
Junction Temperature
Storage Temperature
Thermal Resistance (Junction to Ambient Air)
Thermal resistance (Junction to Lead (pin 7))
Symbol
VIN*1
VC
IO*1
PD*1, *2
Tj
Tstg
Rth(j-a)*
Rth(j-l)


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn