Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3000KS Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce SI-3000KS
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SI-3000KS Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

  SI-3000KS Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3000KS Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3000KS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3000KS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3000KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3000KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI-3000KS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
sTypical Characteristics Examples of SI-3012KS and SI-3025KS
(Ta=25
°C) *Vout=2.5 V for SI-3012KS (RS=24 kΩ)
Dropout voltage
Rise characteristics
Line regulation
Load regulation
Overcurrent protection characteristics
Input voltage vs. Quiescent current
Circuit current
Control terminal voltage vs. Output voltage
Control terminal voltage vs. Control terminal current
qSI-3000KS Series
1
0.8
0.6
0.4
0.2
0
0.2
0.4
Output current A
0.6
0.8
1
3
2
1
01
2
3
4
Input voltage V
IO=0 to 1A
0.25A step
2.54
2.52
2.50
2.48
2.46
2.44
2.42
2.40
02
4
6
8
10
Input voltage V
IO=0 to 1A
0.25A step
2.52
2.50
2.48
2.46
2.44
2.42
2.40
0
0.2
0.4
Output current A
0.6
0.8
1
VIN=3.3V
4V
5V
6V
8V
3
2
1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output current A
VIN=3.3V
4V
5V
6V
0
2
4
6
8
1012141618
600
500
400
300
200
100
Input voltage V
IO=0A
VC=2V
60
40
20
02
4
6
8
Input voltage V
IO=1A
0.75A
0.25A
0.5A
0A
3
2
1
0
0.5
1
1.5
2
Control ternimal voltage V
IO=0A
30
20
25
15
5
10
01
2
3
4
Control terminal voltage V


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn