Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP321-2 Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TLP321-2
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP321-2 Fiches technique(HTML) 6 Page - Toshiba Semiconductor

  TLP321-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 4Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 5Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 6Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 7Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 8Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLP321,TLP321-2,TLP321-4
2002-09-25
6
TLP321-2
TLP321-4
IF – Ta
Ambient temperature Ta (°C)
80
0
-20
100
60
40
20
0
20
40
60
80
100
120
100
20
-20
120
80
60
40
20
60
80
100
120
40
0
0
Ambient temperature Ta (°C)
TLP321-2
TLP321-4
PC – Ta
TLP321
IFP – DR
Duty cycle ratio DR
3
10
3000
1000
500
300
100
50
30
10
-2
3
3
3
10
-3
10
-1
10
0
Pulse width ≤100µs
Ta = 25°C
TLP321-2
TLP321-4
IFP – DR
Duty cycle ratio DR
3
10
3000
1000
500
300
100
50
30
10
-2
3
3
3
10
-3
10
-1
10
0
Pulse width ≤100µs
Ta = 25°C
TLP321
PC – Ta
Ambient temperature Ta (°C)
-20
200
40
240
180
120
80
20
80
100
120
40
0
0
60
TLP321
IF – Ta
Ambient temperature Ta (°C)
0
80
0
-20
100
60
40
20
20
40
60
80
100
120


Numéro de pièce similaire - TLP321-2

FabricantNo de pièceFiches techniqueDescription
logo
ISOCOM COMPONENTS
TLP321-2 ISOCOM-TLP321-2 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Description similaire - TLP321-2

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
   TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP628 TOSHIBA-TLP628 Datasheet
257Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP330 TOSHIBA-TLP330 Datasheet
163Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com