Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TFA9842J Fiches technique(PDF) 17 Page - NXP Semiconductors

No de pièce TFA9842J
Description  2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TFA9842J Fiches technique(HTML) 17 Page - NXP Semiconductors

Back Button TFA9842J Datasheet HTML 13Page - NXP Semiconductors TFA9842J Datasheet HTML 14Page - NXP Semiconductors TFA9842J Datasheet HTML 15Page - NXP Semiconductors TFA9842J Datasheet HTML 16Page - NXP Semiconductors TFA9842J Datasheet HTML 17Page - NXP Semiconductors TFA9842J Datasheet HTML 18Page - NXP Semiconductors TFA9842J Datasheet HTML 19Page - NXP Semiconductors TFA9842J Datasheet HTML 20Page - NXP Semiconductors TFA9842J Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Philips Semiconductors
TFA9842J
2-channel audio amplifier (2 x SE or 1 x BTL)
Preliminary data
Rev. 01 — 26 April 2004
17 of 21
9397 750 12013
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
15. Package outline
Fig 16. DBS9P package outline.
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
2. Plastic surface within circle area D1 may protrude 0.04 mm maximum.
SOT523-1
0
10 mm
5
scale
w M
bp
Dh
q1
Z
19
e
e1
m
e2
x
A2
non-concave
D1
D
P
k
q2
L3
L2
L
Qc
E
00-07-03
03-03-12
DBS9P: plastic DIL-bent-SIL power package; 9 leads (lead length 12/11 mm); exposed die pad
SOT523-1
view B: mounting base side
B
UNIT
bp
L1
cD(1)
Dh
Lq2
mm
2.7
2.3
A2
(2)
0.80
0.65
0.58
0.48
13.2
12.8
D1
(2)
6.2
5.8
3.5
Eh
3.5
e
2.54
e1
1.27
e2
5.08
4.85
Q
E(1)
14.7
14.3
Z(1)
1.65
1.10
11.4
10.0
L2
6.7
5.5
L3
4.5
3.7
3.4
3.1
1.15
0.85
q
17.5
16.3
q1
2.8
m
0.8
v
3.8
3.6
3
2
12.4
11.0
P
k
0.02
x
0.3
w
Eh
L1
q
v M


Numéro de pièce similaire - TFA9842J

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TFA9842AJ NXP-TFA9842AJ Datasheet
128Kb / 18P
   7.5 W stereo power amplifier with volume control
Rev. 01-28 April 2006
TFA9842BJ NXP-TFA9842BJ Datasheet
121Kb / 17P
   2-channel audio amplifier (SE: 1 W to 7.5 W)
Rev. 01-1 March 2004
More results

Description similaire - TFA9842J

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TFA9842BJ NXP-TFA9842BJ Datasheet
121Kb / 17P
   2-channel audio amplifier (SE: 1 W to 7.5 W)
Rev. 01-1 March 2004
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
TFA9843BJ NXP-TFA9843BJ Datasheet
118Kb / 17P
   2-channel audio amplifier (SE: 1 W to 20 W)
Rev. 01-4 May 2004
TDA8947J PHILIPS-TDA8947J Datasheet
200Kb / 24P
   4-channel audio amplifier (SE: 1 W to 25 W; BTL: 4 W to 50 W)
Rev. 01-06 February 2004
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
   8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com