Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TFA9842J Datasheet(Fiches technique) 9 Page - NXP Semiconductors

Numéro de pièce TFA9842J
Description  2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Télécharger  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

TFA9842J Datasheet(HTML) 9 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Philips Semiconductors
TFA9842J
2-channel audio amplifier (2 x SE or 1 x BTL)
Preliminary data
Rev. 01 — 26 April 2004
9 of 21
9397 750 12013
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
BTL; Vi =50mV; VCC =18V.
Fig 4.
AC output voltage as function of mode selection voltage.
20
VMODE (V)
04
8
12
Vo
(
µV)
16
107
106
105
104
103
102
10
1
mce486
THD=10%.
THD =10%.
a.
SE.
b.
BTL.
Fig 5.
Output power (one channel) as function of supply voltage for various loads.
Po
(W)
820
12
24
28
VCC (V)
16
0
40
30
10
20
mdb806
2
3
4
8
RL = 1 Ω
Po
(W)
820
12
24
28
16
40
30
10
0
20
mdb805
4
6
Ω 8 Ω
16
RL = 2 Ω
VCC (V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn