Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCET1204 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce TCET1204
Description  Optocoupler, Phototransistor Output (Single, Dual Channel)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1204 Fiches technique(HTML) 2 Page - Vishay Siliconix

  TCET1204 Datasheet HTML 1Page - Vishay Siliconix TCET1204 Datasheet HTML 2Page - Vishay Siliconix TCET1204 Datasheet HTML 3Page - Vishay Siliconix TCET1204 Datasheet HTML 4Page - Vishay Siliconix TCET1204 Datasheet HTML 5Page - Vishay Siliconix TCET1204 Datasheet HTML 6Page - Vishay Siliconix TCET1204 Datasheet HTML 7Page - Vishay Siliconix TCET1204 Datasheet HTML 8Page - Vishay Siliconix TCET1204 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 83501
Rev. 1.5, 26-Oct-04
TCET1200/ TCET1200G/ TCET2200
Vishay Semiconductors
Order Information
G = Leadform 10.16 mm; G is not marked on the body
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
Part
Remarks
TCET1200
CTR 50 - 600 %, DIP-4
TCET1201
CTR 40 - 80 %, DIP-4
TCET2200
CTR 50 - 600 %, DIP-8
TCET1202
CTR 63 - 125 %, DIP-4
TCET1203
CTR 100 - 200 %, DIP-4
TCET1204
CTR 160 - 320 %, DIP-4
TCET1200G
CTR 50 - 600 %, DIP-4
TCET1201G
CTR 40 - 80 %, DIP-4
TCET1202G
CTR 63 - 125 %, DIP-4
TCET1203G
CTR 100 - 200 %, DIP-4
TCET1204G
CTR 160 - 320 %, DIP-4
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 µsIFSM
1.5
A
Power dissipation
Pdiss
100
mW
Junction temperature
Tj
125
°C
Parameter
Test condition
Symbol
Value
Unit
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp ≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
150
mW
Junction temperature
Tj
125
°C
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage (RMS)
VISO
5000
VRMS
Total power dissipation
Ptot
250
mW
Operating ambient temperature
range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 125
°C
Soldering temperature
2 mm from case t
≤ 10 s
Tsld
260
°C


Numéro de pièce similaire - TCET1204

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TCET1204 VISHAY-TCET1204 Datasheet
224Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 08-eb-01
TCET1204 VISHAY-TCET1204 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2022
TCET1204 VISHAY-TCET1204 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
TCET1204G1 VISHAY-TCET1204G1 Datasheet
224Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 08-eb-01
TCET1204 VISHAY-TCET1204_V01 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2022
More results

Description similaire - TCET1204

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
IL74 VISHAY-IL74 Datasheet
191Kb / 9P
   Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
Rev. 1.6, 09-Jan-08
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com