Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1506 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TEA1506
Description  GreenChip SMPS control IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1506 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TEA1506 Datasheet HTML 2Page - NXP Semiconductors TEA1506 Datasheet HTML 3Page - NXP Semiconductors TEA1506 Datasheet HTML 4Page - NXP Semiconductors TEA1506 Datasheet HTML 5Page - NXP Semiconductors TEA1506 Datasheet HTML 6Page - NXP Semiconductors TEA1506 Datasheet HTML 7Page - NXP Semiconductors TEA1506 Datasheet HTML 8Page - NXP Semiconductors TEA1506 Datasheet HTML 9Page - NXP Semiconductors TEA1506 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2003 Sep 09
6
Philips Semiconductors
Product specification
GreenChip
™II SMPS control IC
TEA1506P; TEA1506AP;
TEA1506T; TEA1506AT
FUNCTIONAL DESCRIPTION
The TEA1506 is the controller of a compact flyback
converter, and is situated at the primary side. An auxiliary
winding of the transformer provides demagnetization
detection and powers the IC after start-up.
The TEA1506 can operate in multi modes (see Fig.5).
The next converter stroke is started only after
demagnetization of the transformer current (zero current
switching), while the drain voltage has reached the lowest
voltage to prevent switching losses (green function). The
primary resonant circuit of the primary inductance and
drain capacitor ensures this quasi-resonant operation. The
design can be optimized in such a way that zero voltage
switching can be reached over almost the universal mains
range.
To prevent very high frequency operation at lower loads,
the quasi-resonant operation changes smoothly in fixed
frequency PWM control.
At very low power (standby) levels, the frequency is
controlled down, via the VCO, to a minimum frequency of
approximately 25 kHz.
Start-up and undervoltage lock-out
Initially the IC is in the save restart mode. As long as VCC
is below the VCC(start) level, the supply current is nearly
zero.
The IC will activate the converter as soon as the voltage on
pin VCC passes the VCC(start) level.
The IC supply is taken over by the auxiliary winding as
soon as the output voltage reaches its intended level.
The moment the voltage on pin VCC drops below the
undervoltage lock-out level, the IC stops switching and
re-enters the safe restart mode.
Supply management
All (internal) reference voltages are derived from a
temperature compensated, on-chip band gap circuit.
Current mode control
Current mode control is used for its good line regulation
behaviour.
The ‘on-time’ is controlled by the internally inverted control
voltage, which is compared with the primary current
information. The primary current is sensed across an
external resistor. The driver output is latched in the logic,
preventing multiple switch-on.
The internal control voltage is inversely proportional to the
external control pin voltage, with an offset of 1.5 V. This
means that a voltage range from 1 to 1.5 V on pin CTRL
will result in an internal control voltage range from
0.5 to 0 V (a high external control voltage results in a low
duty cycle).
Oscillator
The maximum fixed frequency of the oscillator is set by an
internal current source and capacitor. The maximum
frequency is reduced once the control voltage enters the
VCO control window. Then, the maximum frequency
changes linearly with the control voltage until the minimum
frequency is reached (see Figs 6 and 7).
handbook, halfpage
VCO
fixed
quasi resonant
P (W)
MGU508
f
(kHz)
25
175
Fig.5 Multi modes operation.
handbook, halfpage
VCTRL
1 V
(typ)
0.52 V
1.5 V
(typ)
MGU233
Vsense(max)
Fig.6 Vsense(max) voltage as function of VCTRL.


Numéro de pièce similaire - TEA1506

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1501 PHILIPS-TEA1501 Datasheet
116Kb / 20P
   Greeny; GreenChip
1998 Aug 19
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
TEA1507 PHILIPS-TEA1507 Datasheet
114Kb / 20P
   GreenChipII SMPS control IC
2000 Dec 05
TEA1507P PHILIPS-TEA1507P Datasheet
114Kb / 20P
   GreenChipII SMPS control IC
2000 Dec 05
More results

Description similaire - TEA1506

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com