Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC62LV2048JC Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce UC62LV2048JC
Description  Low Power CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

UC62LV2048JC Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

  UC62LV2048JC Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62LV2048JC Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62LV2048JC Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LV2048JC Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LV2048JC Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LV2048JC Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LV2048JC Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LV2048JC Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LV2048JC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Low Power CMOS SRAM
128K X 16
UC62LV2048
-55/-70
PACKAGE DIMENSIONS
θ
TSOPII - 44
44
23
22
1
D
e
b
Seating Plane "y"
UNIT
SYMBOL
INCH
MM
A1
0.004±0.002
0.1±0.05
A
0.0433±0.004
1.10±0.1
A2
0.039±0.002
1.00±0.05
b
0.012 ~ 0.018
0.3 ~ 0.45
c
0.005 ~ 0.008
0.12 ~ 0.21
b1
0.012 ~ 0.016
0.3 ~ 0.4
D
0.725±0.004
18.41±0.1
c1
0.005 ~ 0.006
0.12 ~ 0.16
E1
0.463±0.008
11.76±0.20
E
0.400±0.004
10.16±0.1
e
0.0315±0.004
0.80±0.10
L1
0.0197±0.004
0.80±0.1
L
0.0197±0.004
0.50±0.1
0° ~ 8°
0° ~ 8°
y
0.004 Max.
0.1 Max.
θ
DETAIL "A" (2:1)
"A"
A
A
L
L1
b
WITH PLATING
c1
c
b1
SECTION A-A
BASE METAL
D1
D ± 0.1
Fig. A
S o ld er B a ll d ia m eter = 0 .3 5 ± 0.05
Fig . A
B all p itch e= 0 .7 5
D
E
D1
E 1
8.0
6.0
5 .25
3 .75
Sid e V iew
TO P V iew
48 M in i-B G A 6*8m m
U-Chip Technology Corp. LTD.
Preliminary Rev. 1.0
Reserves the right to modify document contents without notice.
Page 9


Numéro de pièce similaire - UC62LV2048JC

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UC62LV2008 ETC1-UC62LV2008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
UC62LV2008CA-55 ETC1-UC62LV2008CA-55 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
UC62LV2008CA-70 ETC1-UC62LV2008CA-70 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
UC62LV2008CF-55 ETC1-UC62LV2008CF-55 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
UC62LV2008CF-70 ETC1-UC62LV2008CF-70 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
More results

Description similaire - UC62LV2048JC

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UC62LV4008 ETC1-UC62LV4008 Datasheet
480Kb / 9P
   Low Power CMOS SRAM
UC62LV2008 ETC1-UC62LV2008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6416-55BIN ALSC-AS6C6416-55BIN Datasheet
699Kb / 11P
   Low Power CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2048 ETC1-UC62LS2048 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS4096 ETC1-UC62LS4096 Datasheet
462Kb / 9P
   Low Power CMOS SRAM
UC62LV1024 ETC1-UC62LV1024 Datasheet
463Kb / 9P
   Low Power CMOS SRAM
UC62LV4096 ETC1-UC62LV4096 Datasheet
464Kb / 9P
   Low Power CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6416-55TIN ALSC-AS6C6416-55TIN Datasheet
671Kb / 12P
   LOW POWER CMOS SRAM
AS6C3216A-55BIN ALSC-AS6C3216A-55BIN Datasheet
651Kb / 11P
   Low Power CMOS SRAM
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com