Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC62LV2048 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce UC62LV2048
Description  Low Power CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

UC62LV2048 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  UC62LV2048 Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62LV2048 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62LV2048 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LV2048 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LV2048 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LV2048 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LV2048 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LV2048 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LV2048 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Low Power CMOS SRAM
128K X 16
UC62LV2048
-55/-70
DC ELECTRICAL CHARACTERISTICS (TA=0℃ to 70℃)
Symbol
Comment
Test Condition
MIN.
TYP.
(1)
MAX.
UNITS
VIL
Guaranteed Input Low
Voltage
(2)
VCC=2.4V
-0.5
-
0.8
V
VIH
Guaranteed Input High
Voltage
(2)
VCC=3.6V
2.0
-
Vcc-0.2
V
IL
Input Leakage Current
VCC=MAX VIN=0V to VCC
-
-
1
uA
IOL
Output Leakage Current
VCC=MAX CE\=VIH or OE\=VIH
VIO=0V t VCC
-
-
1
uA
VOL
Output Low Voltage
VCC=3.6V, IOL=2mA
-
-
0.4
V
VOH
Output High Voltage
VCC=3.0V, IOH=-1mA
2.4
-
-
V
ICC
Operating Power Supply
Current
CE\=VIL,IDQ=0mA, F=Fmax
(3)
-
-
15
mA
ISB1
TTL Standby Current
CE\=VIH, VIN=VIH to VIL
-
-
1
mA
ISB2
CMOS Standby Current
CE\≧VCC-0.2V, VIN=VCC-0.2V
or 0.2V , F=0
(4)
-
1
5
uA
1. Typical characteristics are at TA = 25
oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
3. Fmax = 1/tRC .
4. F=0 means input signals must be keep in static state.
DATA RETENTION CHARACTERISTICS ( TA=0℃ to 70℃)
Symbol
Comment
Test Condition
MIN.
TYP.
(1)
MAX.
UNITS
VDR
VCC to Data Retention
CE\≧VCC - 0.2V
VIN≧VCC-0.2V or VIN≦0.2V
1.2
-
-
V
ICCDR
Data Retention Current
CE\≧VCC - 0.2V
VIN≧VCC-0.2V or VIN≦0.2V
-
0.05
0.5
uA
tDR
Chip Deselect to Data
Retention Time
0
-
-
ns
tR
Operation Recovery Time
See Retention Waveform
TRC
(2)
-
-
ns
1.
VCC = 1.5V, TA = 25℃.
2.
tRC = Read Cycle Time
LOW VCC DATA RETENTION WAVEFORM
(1) (CE\ Controlled)
Data Retention Mode
V
DR >= 1.2V
t
CDR
t
R
VIH
VIH
CE >= V
CC - 0.2V
Vcc
CE
U-Chip Technology Corp. LTD.
Preliminary Rev. 1.0
Reserves the right to modify document contents without notice.
Page 3


Numéro de pièce similaire - UC62LV2048

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UC62LV2008 ETC1-UC62LV2008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
UC62LV2008CA-55 ETC1-UC62LV2008CA-55 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
UC62LV2008CA-70 ETC1-UC62LV2008CA-70 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
UC62LV2008CF-55 ETC1-UC62LV2008CF-55 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
UC62LV2008CF-70 ETC1-UC62LV2008CF-70 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
More results

Description similaire - UC62LV2048

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UC62LV4008 ETC1-UC62LV4008 Datasheet
480Kb / 9P
   Low Power CMOS SRAM
UC62LV2008 ETC1-UC62LV2008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6416-55BIN ALSC-AS6C6416-55BIN Datasheet
699Kb / 11P
   Low Power CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2048 ETC1-UC62LS2048 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS4096 ETC1-UC62LS4096 Datasheet
462Kb / 9P
   Low Power CMOS SRAM
UC62LV1024 ETC1-UC62LV1024 Datasheet
463Kb / 9P
   Low Power CMOS SRAM
UC62LV4096 ETC1-UC62LV4096 Datasheet
464Kb / 9P
   Low Power CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6416-55TIN ALSC-AS6C6416-55TIN Datasheet
671Kb / 12P
   LOW POWER CMOS SRAM
AS6C3216A-55BIN ALSC-AS6C3216A-55BIN Datasheet
651Kb / 11P
   Low Power CMOS SRAM
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com